Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT162244DL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ABT162244DL
Description  16-bit buffer/line driver with 30 W series termination resistors; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT162244DL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT162244DL Datasheet HTML 4Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 5Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 6Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 7Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 8Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 9Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 10Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 11Page - NXP Semiconductors 74ABT162244DL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74ABT162244_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 9 April 2009
8 of 14
NXP Semiconductors
74ABT162244
16-bit buffer/line driver with 30
Ω series termination resistors; 3-state
11. Waveforms
VM = 1.5 V; VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Input (nAx) to output (nYx) propagation delay
input nAx
output nYx
VM
tPLH
tPHL
VM
VM
VM
001aad257
VOH
VI
VOL
0 V
VM = 1.5 V; VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
3-state output enable and disable times
001aae233
tPZL
nYx output
nYx output
nOE input
VOL
VOH
3.5 V
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VOL + 0.3 V
VOH − 0.3 V
VM
VM


Similar Part No. - 74ABT162244DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244DL PHILIPS-74ABT162244DL Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162244DL NXP-74ABT162244DL Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
logo
Texas Instruments
74ABT162244DLRG4 TI-74ABT162244DLRG4 Datasheet
269Kb / 15P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT162244DLT PHILIPS-74ABT162244DLT Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

Similar Description - 74ABT162244DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com