Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G00 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC1G00
Description  2-input NAND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G00 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC1G00 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AHC_AHCT1G00_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 30 May 2007
3 of 11
NXP Semiconductors
74AHC1G00; 74AHCT1G00
2-input NAND gate
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For both TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Inputs
Output
A
B
Y
LLH
LH
H
HL
H
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC1G00
74AHCT1G00
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V


Similar Part No. - 74AHC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
80Kb / 12P
   2-input NAND gate
2002 May 27
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Diodes Incorporated
74AHC1G00 DIODES-74AHC1G00 Datasheet
180Kb / 8P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Nexperia B.V. All right...
74AHC1G00 NEXPERIA-74AHC1G00 Datasheet
212Kb / 11P
   2-input NAND gate
Rev. 9 - 10 January 2022
74AHC1G00-Q100 NEXPERIA-74AHC1G00-Q100 Datasheet
709Kb / 12P
   2-input NAND gate
More results

Similar Description - 74AHC1G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com