Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM7-3F3-A160 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM7-3F3-A160
Description  RM, RM/I, RM/ILP cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM7-3F3-A160 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM7-3F3-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM7-3F3-A160 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008 Sep 01
1233
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM7/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.680
mm−1
Ve
effective volume
1325
mm3
Ie
effective length
30.0
mm
Ae
effective area
44.1
mm2
Amin
minimum area
39.6
mm2
m
mass of set
≈ 7.5
g
handbook, halfpage
MGC065
17.2
0
0.7
3.3
9.3
20.3
0
0.8
7.25
0
0.3
O
8.4
0.5
0
13.4
0.1
14.75
0.6
0
O
11.3
0.25
Fig.1 RM7/I core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements 40
±20 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
100
±3%
≈ 54
≈ 730
RM7/I-3C90-A100
160
±3%
≈ 87
≈ 410
RM7/I-3C90-A160
250
±3%
≈ 135
≈ 240
RM7/I-3C90-A250
3000
±25%
≈ 1620
≈ 0
RM7/I-3C90
3F3
100
±3%
≈ 54
≈ 730
RM7/I-3F3-A100
160
±3%
≈ 87
≈ 410
RM7/I-3F3-A160
250
±3%
≈ 135
≈ 240
RM7/I-3F3-A250
2500
±25%
≈ 1350
≈ 0
RM7/I-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T=100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T = 100
°C
3C90
≥320
≤ 0.16
≤ 0.17
3F3
≥315
−≤ 0.15
≤ 0.25
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - RM7-3F3-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM7-3F3 FERROXCUBE-RM7-3F3 Datasheet
52Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM7-3F3-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com