Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ-12VM-KHV-UC Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # LZ-12VM-KHV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-12VM-KHV-UC Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button LZ-12VM-KHV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 9Page - Fujitsu Component Limited. LZ-12VM-KHV-UC Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
LZ SERIES
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now. All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu.
l
All signal and power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems (compatible).
l
“LF” is marked on each outer and inner carton. (No marking on individual relays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
We will ship leaded relays as long as the leaded relay inventory exists.
Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condtion
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in
house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condtion:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C soler bath
Solder by Soldering Iron:
SolderingIron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.


Similar Part No. - LZ-12VM-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-12VM-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com