Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASO10.3X38 Datasheet(PDF) 1 Page - Schurter Inc.

Part # ASO10.3X38
Description  Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASO10.3X38 Datasheet(HTML) 1 Page - Schurter Inc.

  ASO10.3X38 Datasheet HTML 1Page - Schurter Inc. ASO10.3X38 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
ASO 0.3x38
www.schurter.com/pg0_2
Fuses
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
1000VDC · Quick-Acting F
Description
-ULRecognizedfor1000VDC
-Breakingcapacity:20kA
Approvals
-ULFileNumber:E335001
Applications
-Stringfuseforphotovoltaicsystems
References
GeneralProductInformation
CorrespondingFuseholderFSO;231660
Weblinks
Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check,Accessories,
ProductChangeNotification(PCN)
Technical Data
RatedVoltage
1000VDC
RatedCurrent
1-30A
BreakingCapacity
20kA
Characteristic
Quick-ActingF
AdmissibleAmbientAirTemp. -40°Cto85°C
UnitWeight
8.3g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Voltage,BreakingCa-
pacity,Characteristic
Dimensions
38mm
 
38
Pre-Arcing Time
Rated Current In
.0 x In min.
.35 x In
max.
2.0 x In max.
1 A - 12 A
4 h
-
200 s
15 A - 30 A
4 h
60 min
200 s


Similar Part No. - ASO10.3X38

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
More results

Similar Description - ASO10.3X38

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO SCHURTER-ASO Datasheet
328Kb / 3P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V02 Datasheet
367Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
D20K SCHURTER-D20K Datasheet
333Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
A3BK SCHURTER-A3BK_V01 Datasheet
165Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
A3BK SCHURTER-A3BK Datasheet
265Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
D20K SCHURTER-D20K_V01 Datasheet
117Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
AEO SCHURTER-AEO Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com