Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JY-12W-KP Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # JY-12W-KP
Description  POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JY-12W-KP Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  JY-12W-KP Datasheet HTML 1Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 2Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 3Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 4Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 5Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 6Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 7Page - Fujitsu Component Limited. JY-12W-KP Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
JY SERIES
MODEL
Nominal Coil resistance Must operate
Must release
Nominal
5 A Type
3 A Type
voltage
(±10%)
voltage*1
voltage*1
power
JY-( ) H, JY-( ) HE
JY-( ), JY-( ) W, JY-( )E
JY-4.5H()-K
JY-4.5()-K
4.5VDC
100Ω
3.1VDC
0.23VDC
200mW
JY-5H()-K
JY-5()-K
5VDC
125Ω
3.5VDC
0.25VDC
200mW
JY-6H()-K
JY-6()-K
6VDC
180Ω
4.2VDC
0.3VDC
200mW
JY-9H()-K
JY-9()-K
9VDC
405Ω
6.3VDC
0.45VDC
200mW
JY-12H()-K
JY-12()-K
12VDC
720Ω
8.4VDC
0.6VDC
200mW
JY-18H()-K
JY-18()-K
18VDC
1,620Ω
12.6VDC
0.9VDC
200mW
JY-24H()-K
JY-24()-K
24VDC
2,880Ω
16.8VDC
1.2VDC
200mW
JY-48H()-K
JY-48()-K
48VDC
6,400Ω
32.6VDC
2.4VDC
360mW
JY-101-K
23.5VDC
2,760Ω
15.5VDC
1.18VDC
200mW
JY-105-K
12VDC
720Ω
8.4VDC
0.6VDC
200mW
JY-107-K
5VDC
125Ω
3.5VDC
0.25VDC
200mW
Note: *1Specifiedvaluesaresubjecttopulsewavevoltage.
All values in the table are measured at 20°C.
n
COIL DATA CHART


Similar Part No. - JY-12W-KP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
JY-12WE-KP LITEON-JY-12WE-KP Datasheet
368Kb / 8P
   POWER RELAY 1 POLE - 3, 5A Medium Load Control JY Series
More results

Similar Description - JY-12W-KP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com