Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAL-12W-K Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # NAL-12W-K
Description  MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

NAL-12W-K Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  NAL-12W-K Datasheet HTML 1Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 2Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 3Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 4Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 5Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 6Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 7Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 8Page - Fujitsu Component Limited. NAL-12W-K Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
n
ORDERING INFORMATION
NA L – D 12 W – K
[Example]
(a) (b) (*) (c) (d) (e)(f)
n
FEATURES
l
Slimtyperelayforhighdensitymounting
l
Conforms to Bellcore specification and FCC Part 68
—Dielectricstrength1,500VACbetweencoilandcontacts
—Surgestrength2,500Vbetweencoilandcontacts(at2×
10ssurgewave)
l
Maximumswitchingcapability-4.2A,700VAC
l
UL,CSArecognized
l
Highsensitivityandlowconsumptionpower
l
Highreliability—bifurcatedcontacts
l
DILpitchterminals
l
Plastic sealed type
l
RoHS compliant since date code: 0437B8
Please see page 7 for more information
(a)
SeriesName
NA:NASeries
(b)
Operation Function
Nil : Standard type
L :Latchingtype
(c)
NumberofCoil
Nil :Singlewindingtype
D :Doublewindingtype
(d)
NominalVoltage
RefertotheCOILDATACHART
(e)
Contact
W :Bifurcatedtype
(f)
Enclosure
K : Plastic sealed type
Note:Actualmarkingomitsthehyphen(-)of(*)
NA SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
1
RoHS compliant


Similar Part No. - NAL-12W-K

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL25-7605J ARTESYN-NAL25-7605J Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NAL25-7608J ARTESYN-NAL25-7608J Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL40 ARTESYN-NAL40 Datasheet
62Kb / 3P
   40W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NAL-12W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com