Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ-12DHG Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MZ-12DHG
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MZ-12DHG Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MZ-12DHG Datasheet HTML 1Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 2Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 3Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 4Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 5Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 6Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 7Page - Fujitsu Component Limited. MZ-12DHG Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MZ SERIES
n
SPECIFICATIONS
Standard
High Sensitivity Type
Item
Single
Bifurcated
Single
Bifurcated
MZ-( ) D
MZ-( ) HG MZ-( ) WHG
MZ-( ) HS
MZ-( ) WHS
Contact
Arrangement
1 form C (SPDT)
Material
Gold-overlay
Gold overlay silver-palladium
silver-nickel
Resistance (initial)
Maximum 100 mΩ (at 1 A 6 VDC)
Rating (resistive)
2 A 24 VDC
1 A 24 VDC
1 A 120 VAC
0.5 A 120 VAC
Maximum Carrying Current
2 A
Maximum Switching Power
120 VA/48 W
60 AV/24 W
Maximum Switching Voltage
120 VAC, 60 VDC
Maximum Switching Current
2 A
1 A
Minimum Switching Load*
1 mA 1 VDC
0.1 mA 100 mVDC 1 mA 1 VDC
0.1 mA 100 mVDC
Capacitance
Approximately 0.8 pF (between open contacts, adjacent contacts)
(at 10 MHz)
Approximately 7.5 pF (between coil and contacts)
Coil
Nominal Power (at 20°C)
450 to 500 mW
190 to 270 mW
Operate Power (at 20°C)
220 to 250 mW
100 to 130 mW
Operating Temperature
–30°C to +55°C (no frost)
–30°C to +75°C
Time Value
Operate (at nominal voltage)
Maximum 6 ms
Release (at nominal voltage)
Maximum 3 ms
Life
Mechanical
2 × 107 operations minimum
Electrical (at rating)
1 A 120 VAC
0.5 A 120 VAC 2 × 105 operations minimum
1 × 105 ops. min. 1 A 24 VAC 5 × 105 operations minimum
2 A 24 VDC
2 × 105 ops. min.
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.28 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 3.28 mm)
Shock
Misoperation
100 m/s2 (11±1 ms)
Resistance Endurance
1,000 m/s2 ( 6±1 ms)
Weight
Approximately 3.5 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and ex-
pected reliability levels.


Similar Part No. - MZ-12DHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-10D ETC-MZ-10D Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-10W ETC-MZ-10W Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-160 ETC-MZ-160 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-16D ETC-MZ-16D Datasheet
132Kb / 1P
   EM Tooth Clutch
More results

Similar Description - MZ-12DHG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com