Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ-12HG Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MZ-12HG
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MZ-12HG Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MZ-12HG Datasheet HTML 1Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 2Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 3Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 4Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 5Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 6Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 7Page - Fujitsu Component Limited. MZ-12HG Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
n
FEATURES
l
Subminiature size
l
Standard and high sensitivity types available
l
UL, CSA recognized
l
FCC rules and regulations part 68
—Dielectric strength 1,500 V between coil and contacts
l
High reliability-bifurcated contacts available
l
DIL pitch terminals
l
Plastic sealed type
l
RoHS compliant since date code: 0437L2
Please see page 6 for more information
(a)
Series Name
MZ : MZ Series
(b)
Dielectric Function
Nil : Standard type
F : High dielectric strength type
(c)
Nominal Voltage
Refer to the COIL DATA CHART
Nil : 1 A single
(d)
Contact
D : 2 A single (without MZF)
W : 1 A bifurcated type
(e)
Coil Type
HG : Standard type (without MZ-D) (450-500mW)
HS : High sensitivity type (without MZF/MZ-D) (190-270mW)
(f)
Enclosure
Nil : Flux free type
K : Plastic sealed type
(g)
UL, CSA Standard
Nil : Non UL, • CSA approved type
U : UL • CSA approved type
Note: For movable and stationary contact with gold overlay type, add suffix “–OH”.
MZ SERIES
MINIATURE RELAY
1 POLE—1 to 2 A (FOR SIGNAL SWITCHING)
1
n
ORDERING INFORMATION
MZ F – 12 W HG – K – U
[Example]
(a) (b)
(c) (d) (e)
(f)
(g)
RoHS compliant


Similar Part No. - MZ-12HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-10D ETC-MZ-10D Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-10W ETC-MZ-10W Datasheet
132Kb / 1P
   EM Tooth Clutch
MZ-160 ETC-MZ-160 Datasheet
171Kb / 1P
   EM Tooth Clutch
MZ-16D ETC-MZ-16D Datasheet
132Kb / 1P
   EM Tooth Clutch
More results

Similar Description - MZ-12HG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com