Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSLD12N-K Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # JSLD12N-K
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JSLD12N-K Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  JSLD12N-K Datasheet HTML 1Page - Fujitsu Component Limited. JSLD12N-K Datasheet HTML 2Page - Fujitsu Component Limited. JSLD12N-K Datasheet HTML 3Page - Fujitsu Component Limited. JSLD12N-K Datasheet HTML 4Page - Fujitsu Component Limited. JSLD12N-K Datasheet HTML 5Page - Fujitsu Component Limited. JSLD12N-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
*Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalcontions
a�dexpe�tedreliabilitylevels.
JSL SERIES
Item
JS��(��il)
JS��(2��ils)
���ta�t
Data
Configuration
1formA,1formC
���str��ti��
Si���le
Material
AgSnO
2
Resista��e(i�itial)
≤100mΩat6VDC,1A
���ta�trati���
8A,250VAC/24VDC
Max.�arryi�����rre�t
10A
Max.switchingvoltage
400VAC/150VDC
Max.switchingpower
2,000VA
Max.switchingcurrent
10A
Min.switchingload*
100mA,5VDC
��i�e
Me��a�i�al
5x06operationsminimum
Ele�tri�al
50x03operationsminimum
��ilData
Ratedpower(at20°C)
220mW
480mW
Operatingtemperaturerange
-40°Cto+70°C(nofrost)
TimingData Set/reset(atnominalcoilvoltage)
≤10ms(nobounceincluded)
Exitationtime
≥20ms
I�s�lati��
Resista��e(i�itial)
≥1,000MOhmat500VDC
Diele�tri�stre���t�
�pe����ta�ts
1,000VAC(50/60Hz)1min
���ta�tst���il
5,000VAC(50/60Hz)1min
S�r��estre���t�
��ilt����ta�ts
10,000V/1.2x50µsstandardwave
�leara��e
8mm
�reepa��e
8mm
�t�er
Vibrati��resista��e
Mis�perati��>�s 10to55Hzdoubleamplitude2mm
E�d�ra��e
10to55Hzdoubleamplitude3mm
S���k
Mis�perati��>�s Min.200m/s²(11±1ms)
E�d�ra��e
Min.1,000m/s²(6±1ms)
Wei���t
Approximately8g


Similar Part No. - JSLD12N-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSLD12NILNK FUJITSU-JSLD12NILNK Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results

Similar Description - JSLD12N-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com