Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS-12MD-KT Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # JS-12MD-KT
Description  POWER RELAY 1 POLE - 8A Medium Load Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-12MD-KT Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  JS-12MD-KT Datasheet HTML 1Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 2Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 3Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 4Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 5Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 6Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 7Page - Fujitsu Component Limited. JS-12MD-KT Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
��
FTR-K1 SERIES
n
COIL RATING
JS SERIES
��il
����e
Rate����il
��lta�e
(���)
��ilResista�ce
+/-��0%(Oh��)
M���O������
��lta�e
(V��)*
M���R�������-
��lta�e
(V��)*
M��.�����V�������
(���)
R���d��w��
(��W)
���
����
����
����.8
�������
���
4.2
����
��4.��
9
9
�����
����
0.9
�������
���
���
����
8.5
����
28.3
��������
��8
��8
��,455
��2.7
��.8
42.4
�������
24
24
2,350
��6.8
2.4
����
245
48
48
8,000
33.4
4.8
�����
290
���
���
��2,500
4��.7
�����
�y��
����������c�
���tactrati��
UL
UL508
E56��40
F��������b�����y��UL94-V0(�������c�)
�����c�����������������,E
8A24V��(���������)��00k
8A,250V��(���������)��00k
��0A,30V��(���������)
��0A,250VA�(���������)
��/4H�,��25V/250VA�
��/3H�,��25VA�
��/2H�,250VA�
������d��y�����50,B300
������d��y��0.27A,250V��
8A24V��(���������)��00k
8A,250V��(���������)��00k
��0A,30V��(���������)
��0A,250VA�(���������)
��/4H�,��25V/250VA�
��/3H�,��25VA�
��/2H�,250VA�
������d��y��A300,B300
���50,R300
��A
�22.2��.��4
LR35579
��E
0435,063��,0700,
400��3847
8A250VA�(c��Ø=��)
8A24V��(0���)
�EMKO
E�6��058-��+A������993
E�6��095����993+A����
Rate����lta�e(�):������
R���d�������(A)��8(2)
��8
n
SAFETY STANDARDS
A����c���������w��h�EV,ÖVE,FIMKO,B�I,�Q�,�EMKO,�EMKO
������A��������������h���b�����������d���20°���dz���c����c�c������.
*���c����d����������������������d���������w�����������.


Similar Part No. - JS-12MD-KT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-12MD-KTV3 FUJITSU-JS-12MD-KTV3 Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results

Similar Description - JS-12MD-KT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com