Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSL Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # JSL
Description  POWER RELAY 1 POLE - 8A Polarized Latching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JSL Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  JSL Datasheet HTML 1Page - Fujitsu Component Limited. JSL Datasheet HTML 2Page - Fujitsu Component Limited. JSL Datasheet HTML 3Page - Fujitsu Component Limited. JSL Datasheet HTML 4Page - Fujitsu Component Limited. JSL Datasheet HTML 5Page - Fujitsu Component Limited. JSL Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FTR-K1 SERIES
n
COIL RATING
JSL SERIES
��il
��de
��il
2��ils
�perati���ra���e
��ilResista��e
+/-10%(Ohm)
�perati���ra���e
��ilResista��e
+/-10%(Ohm)
Mi�.VD�
Max.VD�
Mi�.VD�
Max.VD�
3
2.4
5.4
4
2.4
5.4
9
5
4
9
4
4
9
53
6
4.8
10.6
164
4.8
10.6
75
9
7.2
5.9
368
7.2
5.9
169
2
9.6
2.2
655
9.6
2.2
300
24
9.2
42.2
2,304
9.2
42.2
,200
Note:Allvaluesinthetablearevalidfor20°Candzerocontactcurrent.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.


Similar Part No. - JSL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Beijing Yaohuadechang E...
JSL045 YHDC-JSL045 Datasheet
5Mb / 1P
   Open and close core leakage current (current) monitoring relay
JSL065 YHDC-JSL065 Datasheet
5Mb / 1P
   Open and close core leakage current (current) monitoring relay
logo
PANDUIT CORP.
JSL1-Y3-5 PANDUIT-JSL1-Y3-5 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
More results

Similar Description - JSL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com