Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1AA110T Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-F1AA110T
Description  POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AA110T Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-F1AA110T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 8Page - Fujitsu Component Limited. FTR-F1AA110T Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FTR-F1 SERIES
n
SPECIFICATIONS
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max. Coil
Voltage*1
Coil
Resistance
(±10%)
Must Operate
Voltage*2
Must
Release Voltage*2
Nominal Power
(mW)
003
3
6.0VDC
22.5 Ω
2.25 VDC
0.3 VDC
400
005
5
10.0 VDC
62 Ω
3.75 VDC
0.5 VDC
006
6
12.0 VDC
90 Ω
4.5 VDC
0.6 VDC
009
9
18.0 VDC
202 Ω
6.75 VDC
0.9 VDC
012
12
24.0 VDC
360 Ω
9 VDC
1.2 VDC
024
24
48.0 VDC
1,440 Ω
18 VDC
2.4 VDC
048
48
96.0 VDC
5,760 Ω
36 VDC
4.8 VDC
Note: All values in the table are measured at 20°C.
*1: No contact current at 20°C
*2: Specified values are subject to pulse wave voltage
400mW type
Item
Standard Type
F1(A, C)A ( )V
TV-3 rating
F1AA ( )T
Sensitive Type
F1(A, C)D ( )V
Contact Arrangement
2 form A (DPST-NO),
2 form C (DPDT)
2 form A (DSDT-NO) 2 from A (DPST-NO)
2 form C (DPDT)
Material
Gold plate silver tin oxide
Configuration
Single
Resistance (initial)
Maximum 100 mΩ at 1 A, 6 VDC
Rating (resistive)
5A, 250VAC / 24VDC
Maximum Carrying Current*1 7A
Maximum Switching Rating
1,250 VA / 120W
Maximum Switching Voltage
400 VAC / 300VDC
Maximum Switching Load*2
10mA 5 VDC
Coil
Nominal Power (at 20ºC)
530mW, 110V type: 550mW
400mW
Operate Power (at 20ºC)
260mW, 110V type: 270mW
225mW
Operating Temperature
-40ºC to +75ºC (no frost)
-40ºC to +70ºC (-RG type)
Time
Value
Operate (without diode)
Maximum 15ms (at nominal voltage, no bounce)
Release (without diode)
Maximum 5ms (at nominal voltage, no bounce)
Life
Mechanical
2 x 107 ops minimum
Electrical
AC load
1 x 105 ops min.
DC load
1 x 105 ops min.
Lamp load (TV-3) -
2.5 x 104 ops min.
-
Other
Vibration
Resistance
Misoperation
10 to 55 Hz, at double amplitude of 1.65mm
Endurance
10 to 55Hz, at double amplitude of 3.3mm
Shock
Resistance
Misoperation
100m/s2 (11±1ms)
Endurance
1,000m/s2 (6±1ms)
Weight
Approximately 12g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - FTR-F1AA110T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005T FUJITSU-FTR-F1AA005T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005V FUJITSU-FTR-F1AA005V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA006T FUJITSU-FTR-F1AA006T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AA110T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1R FUJITSU-FTR-F1R Datasheet
645Kb / 7P
   FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com