Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1AA060T Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F1AA060T
Description  POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AA060T Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F1AA060T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 8Page - Fujitsu Component Limited. FTR-F1AA060T Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-F1 SERIES
Ordering Part Number
Series
Contact
Coil Power
Coil
Voltage
Contact
Material
Special
Designation
FTR-F1AD003V(-RG)
FTR-F1
A: 2 form A
D: 400 mW
3
V: Gold
plate silver
tin oxide
RG:
Transparency
cover
FTR-F1AD005V(-RG)
5
FTR-F1AD006V(-RG)
6
FTR-F1AD009V(-RG)
9
FTR-F1AD012V(-RG)
12
FTR-F1AD024V(-RG)
24
FTR-F1AD048V(-RG)
48
FTR-F1CD003V(-RG)
C: 2 form C
3
FTR-F1CD005V(-RG)
5
FTR-F1CD006V(-RG)
6
FTR-F1CD009V(-RG)
9
FTR-F1CD012V(-RG)
12
FTR-F1CD024V(-RG)
24
FTR-F1CD048V(-RG)
48
400mW type
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max. Coil
Voltage*1
Coil
Resistance
(±10%)
Must Operate
Voltage*2
Must
Release Voltage*2
Nominal Power
(mW)
005
5
8.5 VDC
47 Ω
3.5 VDC
0.5 VDC
530
006
6
10.2 VDC
68 Ω
4.2 VDC
0.6 VDC
009
9
15.3 VDC
155 Ω
6.3 VDC
0.9 VDC
012
12
20.4 VDC
270 Ω
8.4 VDC
1.2 VDC
018
18
30.6 VDC
610 Ω
12.6 VDC
1.8 VDC
024
24
40.8 VDC
1,100 Ω
16.8 VDC
2.4 VDC
048
48
81.6 VDC
4,400 Ω
33.6 VDC
4.8 VDC
060
60
102.0 VDC
6,800 Ω
42.0 VDC
6.0 VDC
110
110
187.0 VDC
22,000 Ω
77.0 VDC
11.0 VDC
550
Note: All values in the table are measured at 20°C.
*1: No contact current at 20°C
*2: Specified values are subject to pulse wave voltage
530mW type
n
PART NUMBERS


Similar Part No. - FTR-F1AA060T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005T FUJITSU-FTR-F1AA005T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005V FUJITSU-FTR-F1AA005V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA006T FUJITSU-FTR-F1AA006T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AA060T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1R FUJITSU-FTR-F1R Datasheet
645Kb / 7P
   FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com