Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-P3CP010W1-05 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-P3CP010W1-05
Description  COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P3CP010W1-05 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-P3CP010W1-05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-P3CP010W1-05 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-P3 SERIES
n
COIL DATA CHART
Note:()is"Nil","-0","05",or"-06"
l
e
d
o
M
l
a
n
i
m
o
N
li
oi
C
g
a
tl
o
V
e
)
(
1
W
9
0
0
N
C
3
P
-
R
T
F
C
D
V
9
5
3
1
)
C
°
0
2
t
a
(
C
D
V
5
.
5
)
C
°
5
8
t
a
(
C
D
V
9
.
6
C
D
V
5
7
.
0
W
6
.
0
W
/
C
°
3
7
)
(
1
W
0
1
0
N
C
3
P
-
R
T
F
C
D
V
0
1
7
6
1
)
C
°
0
2
t
a
(
C
D
V
3
.
6
)
C
°
5
8
t
a
(
C
D
V
9
.
7
C
D
V
9
.
0
W
6
.
0
W
/
C
°
3
7
)
(
1
W
2
1
0
N
C
3
P
-
R
T
F
C
D
V
2
1
0
4
2
)
C
°
0
2
t
a
(
C
D
V
3
.
7
)
C
°
5
8
t
a
(
C
D
V
2
.
9
C
D
V
0
.
1
W
6
.
0
W
/
C
°
3
7
Coil
Resistance
(±10% at
20ºC)
Must
Release
Voltage
(at 20ºC)
Coil
Power at
Nominal
Voltage
Thermal
Resistance
(approx.)
Must Operate
Voltage
Model
Nominal
Coil
Voltage
Coil
Resistance
(±0%at20°C)
MustOperate
Voltage
Must
Release
Voltage
(at20°C)
Coil
Powerat
Nominal
Voltage
Thermal
Resistance
(approx.)
FTR-P3-CP009W
9VDC
100Ω
5.5VDC(at20ºC)
6.9VDC(at85ºC)
0.75VDC
0.8W
73ºC/W
FTR-P3-CP00W
0VDC
125Ω
6.3VDC(at20ºC)
7.9VDC(at85ºC)
0.9VDC
0.8W
73ºC/W
FTR-P3-CP02W
2VDC
167Ω
7.3VDC(at20ºC)
9.2VDC(at85ºC)
.0VDC
0.8W
73ºC/W
FTR-P3 Series (0.25mm contact gap)
FTR-P3 Series (0.6mm contact gap)
n
REFERENCE DATA
0
10 20 30 40 50 60 70 80
0
20
40
60
80
100
0
20
40
60
100
80
0
20
40
60
100
80
0 0.5 1 1.5 2 2.5 3.5
3
4.5
4
5.5
5
6.5
6
7
0
10 20 30 40 50 60 70 80
Data: FTR-P3
Units: n = 100
Operating/release voltage distribution
Ratio to rated voltage (%)
Contact resistance (m)
Data: FTR-P3
Units: n = 100
Data: FTR-P3
Units: n = 100
Operate and release time distribution
Time (ms)
Contact resistance distribution
Operate
Release
Operate
Release
with diode


Similar Part No. - FTR-P3CP010W1-05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3CP010W1-05 FUJITSU-FTR-P3CP010W1-05 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - FTR-P3CP010W1-05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com