Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYCA012Y Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-LYCA012Y
Description  POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYCA012Y Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-LYCA012Y Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 8Page - Fujitsu Component Limited. FTR-LYCA012Y Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTR-LY SERIES
5
n
REFERENCE DATA
CoilPower(mW)
CoilTemperatureRise
90
00
0
20
30
40
0
0
20
30
40
50
0A
6A
FTR-LY
FTR-LY
6A
2.5
2
.5

0.5
0
00
80
60
40
20
0
AmbientTemperature(ºC)
OperatingRange
Mustoperatevoltage(HotCoil)
Mustoperatevoltage
(CoolCoil)
0A
00
50
20
0
5
2

0.5
0.2
0.
000
500
200
00
50
20
0
ACresistive
FTR-LY
ContactCurrent(V)
MaximumSwitchingPower
0.
0.2
0.5

2 3
6 0

2
3
5
0
20
30
50
00
200
300
500
000
250VAC cosφ=1
250VAC cosφ=0.4
250VAC cosφ=0.7
ContactCurrent(A)
LifeCurves
30VDC τ=15
30VDC τ=7
30VDC τ=0
000
500
300
200
00
50
30
20
0
5
3
2

0
6
3
2

0.5
0.2
0.
ContactCurrent(A)
LifeCurves
n=100
FTR-LYCA02Y
00
90
80
70
60
50
40
30
20
0
0
00
90
80
70
60
50
40
30
20
0
0
Operate
Release
DistributionofOperate&ReleaseVoltage
NominalMultiplyingFactor(%)
FTR-LYCA02Y
00
90
80
70
60
50
40
30
20
0
0
5
4
3
2

0
9
8
7
6
5
4
3
2

0
n=100
Make
Break
DistributionofContactResistance
Contact Resistance (mΩ)
00
90
80
70
60
50
40
30
20
0
0
0
9
8
7
6
5
4
3
2

0
00
90
80
70
60
50
40
30
20
0
0
0
9
8
7
6
5
4
3
2

0
FTR-LYCA02Y
n=100
Operate
Release
DistributionofOperate&ReleaseTime
Time(ms)


Similar Part No. - FTR-LYCA012Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYCA012Y FUJITSU-FTR-LYCA012Y Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYCA012YSK FUJITSU-FTR-LYCA012YSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results

Similar Description - FTR-LYCA012Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com