Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

231549P Datasheet(PDF) 1 Page - Schurter Inc.

Part # 231549P
Description  Shock-Safe Fuseholder, 6.3 x 32 mm, NF, Fingergrip, IP 68
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

231549P Datasheet(HTML) 1 Page - Schurter Inc.

  231549P Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

Fuseholders
23549P
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 6.3 x 32 mm, NF, Fingergrip, IP 68
250 VAC · 3.6W/16A (NF)
Description
-IP68fromfront-side
-Screwtypefusecarrier
Standards
-NFC93-436-ModellHB14
-ContrôledeConformitédeQualité(CCQ)
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
6.3x32mm
Mounting
PanelMount,Front-Side
Mounting
FixingNut
Terminal
Solder
RatedVoltage
250VAC
RatedCurrent
16A(NF)
RatedPowerAcceptanceIEC 3.6W/16A@Ta23°C
DegreeofProtection
IP68
AdmissibleAmbientAirTemp. -40°Cto125°C
ClimaticCategory
40/125/56acc.toIEC60068-1
Material:Socket
Thermoset,black
UnitWeight(Socket/Cap)
38g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,Current
SolderingMethods
Iron
ResistancetoVibration
acc.toNFC20-706/IEC60068-2-6,
testFc
Shocks
acc.toNFC20-706/IEC60068-2-27
Bumps
acc.toNFC20-729/IEC60068-2-29
SaltMist
acc.toNFC20-711/IEC60068-2-11
DumpHeat
acc.toNFC20-604
ClimaticComposite
acc.toNFC20-619PhaseD
AdmissibleTorqueonFixing
Nut
max1.2Nm
PanelThicknesss
max5mm
Abmessungen
54mm
 
18
54
3.2
max. 5
SW 20
0
-3
0
-2
18.1
+0.2
0
Mounting holes
Variants
Holder
Cap
Degree of Pro-
tection
Order Number
l
Fingergrip
IP 68
7093.0110
Packaging Unit
Bulk(10pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 231549P

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2315 KR-2315 Datasheet
16Kb / 1P
   Highpass Filter
logo
Heyco.
2315 HEYCO-2315 Datasheet
116Kb / 1P
   Nylon Hose Clamps
2315-P HEYCO-2315-P Datasheet
116Kb / 1P
   Nylon Hose Clamps
logo
Bourns Electronic Solut...
2315-RC BOURNS-2315-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2315-RC BOURNS-2315-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 231549P

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23312P SCHURTER-23312P_18 Datasheet
249Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
23312P SCHURTER-23312P_V01 Datasheet
259Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
29.03.2021
23312P SCHURTER-23312P_16 Datasheet
243Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
23312P SCHURTER-23312P Datasheet
309Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
231529P SCHURTER-231529P Datasheet
230Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, NF
23463P SCHURTER-23463P Datasheet
220Kb / 1P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, grau
231618 SCHURTER-231618 Datasheet
268Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip, horizontal
23316P SCHURTER-23316P Datasheet
252Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com