Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3FJB005W Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K3FJB005W
Description  POWER RELAY 1 POLE - 25A Heavy Load Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3FJB005W Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K3FJB005W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K3FJB005W Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

(a)
SeriesName
FTR-K3F:FTR-K3FSeries
(b)
ContactArrangement
A
:formA(PCBterminal)
J
:formA(Tabterminal)
(c)
CoilPower
B
:Standard(780mW)
(d)
NominalCoilVoltage
005
:5VDC,
006:6VDC,
009:9VDC
02:2VDC
08
:8VDC
024:24VDC,
048:48VDC
(e)
ContactMaterial
W
:AgSnO2
(f)
SpecialDesignation
Specialspecification
n
FEATURES
l
HighheatresistancewithUL94V-0
l
Lowprofile(height18.2mm)
l
Highcontactrating(25A)with#250tabterminal
l
Lowcoilpower(780mW)
l
Cadmiumfreecontacts,leadfree
l
SAFETYSTANDARDS
UL,CSA,VDE,CQCapproved
l
RoHSCompliant
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.:Orderingcode:FTR-K3FJB024W Actualmarking:K3FJB024W
POWER RELAY
1 POLE - 25A Heavy Load Control
FTR-K3F Series
n
ORDERING INFORMATION
FTR-K3F J
B
02 W –()
[Example]
(a)
(b) (c)
(d)
(e)
(f)
RoHS compliant


Similar Part No. - FTR-K3FJB005W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
FTR-K3 FUJITSU-FTR-K3 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
FTR-K3-WG FUJITSU-FTR-K3-WG Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
More results

Similar Description - FTR-K3FJB005W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com