Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2GAK048T Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K2GAK048T
Description  POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2GAK048T Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K2GAK048T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2GAK048T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

RoHS compliant
n
ORDERING INFORMATION
FTR-K2GA K 02 T
[Example]
(a) (b)(c) (d) (e)
n
FEATuRES
l
Contactgapmin.3.0mm
l
Fulldisconnection
l
Pole,FormA
l
Maximuminrushcurrent20A(TV-8)
l
HIGHINSULATION
Reinforcedinsulation
InsulationDistancebetweencoilandcontact:
-Clearancemin.8.0mm,Creepagemin.9.5mm
-DielectricStrength:5KV
-SurgeStrength:0KV
l
HEATRESISTANCE,FLAMMABILITY
ClassB(30°C)coilinsulation,
flammabilityUL94V-0(plastic)
l
SAFETYSTANDARDS
UL,CSA,VDEapproved
l
RoHScompliant
Pleaseseepage7formoreinformation
FTR-K2G SERIES
POWER RELAY
1 POLE—20A (Contact Gap 3.0mm type)
RoHS compliant
(a)
Seriesname
FTR-K2G
(b)
Contactarrangement
A:FormA(SPST-NO)
(c)
Coiltype
K:Standard(000mW)
(d)
Coilnominalvoltage
005:5VDC012:12VDC048:48VDC
006:6VDC08:8VDC060:60VDC
009:9VDC024:24VDC110:110VDC
(e)
Contactmaterial
T:AgSnO
2(TV-8)
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.:Orderingcode:FTR-K2GAK02T
Actualmarking:-K2GAK02T


Similar Part No. - FTR-K2GAK048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK005T FUJITSU-FTR-K2AK005T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK006T FUJITSU-FTR-K2AK006T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK009T FUJITSU-FTR-K2AK009T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK012T FUJITSU-FTR-K2AK012T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-K2GAK048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com