Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2GAK018T Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-K2GAK018T
Description  POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2GAK018T Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-K2GAK018T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2GAK018T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-K2G Series
n
REFERENCE DATA
n
CHARACTERISTIC DATA
1000
500
300
200
100
50
30
20
10
25A
0
10
20
30
40
50
60
70
80
90
100
0 2 4 6 8 10 12 14 16 18 20 22 24
FTR- K2GA K( )T
n=100
100
90
80
70
60
50
40
30
20
10
0
2.5
2
1.5
1
0.5
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
20A
25A
110
100
90
80
70
60
50
40
30
20
10
0
20
50
100
10
0.5
0.2
0.1
1
2
5
200
100
50
20
10
10
20
500 1000
0
A C
250 V
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
3
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
20
0
90
70
50
30
10
K
250VAC CO Sφ=0.7
250VAC CO S φ =0.4
Coil temperature rise
Coil power (W)
0A
0A
Operating range
Ambient temperature (˚C)
Operate
voltage
of hot co
il
Operate v
oltage of
cool coil
Maximum switching power
Contact voltage (V)
AC resistive
Life curve
Contact current load (A)
Distribution of operate
& release voltage
Nominal voltage mult. factor (%)
Distribution of operate
& release time
Time (ms)
Operate
Release
Operate
Release
FTR-K2GAK( )T
n=100
1000
500
300
200
100
50
30
20
10
25A
0
10
20
30
40
50
60
70
80
90
100
0 2 4 6 8 10 12 14 16 18 20 22 24
FTR- K2GA K( )T
n=100
100
90
80
70
60
50
40
30
20
10
0
2.5
2
1.5
1
0.5
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
20A
25A
110
100
90
80
70
60
50
40
30
20
10
0
20
50
100
10
0.5
0.2
0.1
1
2
5
200
100
50
20
10
10
20
500 1000
0
A C
250 V
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
3
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
20
0
90
70
50
30
10
K
250VAC CO Sφ=0.7
250VAC CO S φ =0.4
Coil temperature rise
Coil power (W)
0A
0A
Operating range
Ambient temperature (˚C)
Operate
voltage
of hot co
il
Operate v
oltage of
cool coil
Maximum switching power
Contact voltage (V)
AC resistive
Life curve
Contact current load (A)
Distribution of operate
& release voltage
Nominal voltage mult. factor (%)
Distribution of operate
& release time
Time (ms)
Operate
Release
Operate
Release
FTR-K2GAK( )T
n=100
1000
500
300
200
100
50
30
20
10
25A
0
10
20
30
40
50
60
70
80
90
100
0 2 4 6 8 10 12 14 16 18 20 22 24
FTR- K2GA K( )T
n=100
100
90
80
70
60
50
40
30
20
10
0
2.5
2
1.5
1
0.5
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
20A
25A
110
100
90
80
70
60
50
40
30
20
10
0
20
50
100
10
0.5
0.2
0.1
1
2
5
200
100
50
20
10
10
20
500 1000
0
A C
250 V
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
3
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
20
0
90
70
50
30
10
K
250VAC CO Sφ=0.7
250VAC CO S φ =0.4
Coil temperature rise
Coil power (W)
0A
0A
Operating range
Ambient temperature (˚C)
Operate
voltage
of hot co
il
Operate v
oltage of
cool coil
Maximum switching power
Contact voltage (V)
AC resistive
Life curve
Contact current load (A)
Distribution of operate
& release voltage
Nominal voltage mult. factor (%)
Distribution of operate
& release time
Time (ms)
Operate
Release
Operate
Release
FTR-K2GAK( )T
n=100
0
10
20
30
40
50
60
70
80
90
100
50
40
30
20
10
0
45
35
25
15
5
FTRK2GA K( )T
n=100
Distribution of contact resistance
Contact resistance (mΩ)


Similar Part No. - FTR-K2GAK018T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK005T FUJITSU-FTR-K2AK005T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK006T FUJITSU-FTR-K2AK006T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK009T FUJITSU-FTR-K2AK009T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK012T FUJITSU-FTR-K2AK012T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-K2GAK018T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com