Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2AK048T Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K2AK048T
Description  POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2AK048T Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K2AK048T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2AK048T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

RoHS compliant
n
ORDERING INFORMATION
FTR-K2A K 02 T-()
[Example]
(a) (b)(c) (d) (e)(f)
n
FEATuRES
l
SPST-NO6A
l
HIGHISOLATION
Insulation Distance: Minimum 6mm between coil and
contact
DielectricStrength:4KV
SurgeStrength:0KV
l
TV-5rating
l
HEATRESISTANCE,FLAMMABILITY
Class B (130° C) insulation, flammability 94V-0
l
CADMIUMFREECONTACTFORECO-PROGRAM
l
SAFETYSTANDARDS
UL,CSA,VDEapproved,SEMKO(pending)
UL/CSATV-5ratingapproved
l
RoHScompliantsincedatecode:0437L2
Pleaseseepage8formoreinformation
FTR-K2 SERIES
POWER RELAY
1 POLE—16A (CADMIuM FREE CONTACTS TYPE)
RoHS compliant
(a)
Seriesname
FTR-K2:FTR-K2series(6A)
(b)
Contactarrangement
A:FormA(SPST-NO)
(c)
Coil type
K:Standard(530mW)
(d)
Coilnominalvoltage
005:5DC02:2DC048:48DC
006:6DC08:8DC
009 : 9DC
024 : 24DC
(e)
Contactmaterial
T:Silver-tinoxide(TV-5)
(f)
Option
OK:.0mmwidecontactgap


Similar Part No. - FTR-K2AK048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK005T FUJITSU-FTR-K2GAK005T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK006T FUJITSU-FTR-K2GAK006T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK009T FUJITSU-FTR-K2GAK009T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK012T FUJITSU-FTR-K2GAK012T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
More results

Similar Description - FTR-K2AK048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com