Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK006W-HT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K1CK006W-HT
Description  POWER RELAY 1 POLE - 16A 105C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK006W-HT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K1CK006W-HT Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK006W-HT Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K1 SERIES
n
PART NUMBERS
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
ContactMaterial
FTR-KAK005T-HT
FTR-K
A:formA
K:400mW
5
T:AgSnO2
FTR-KAK006T-HT
6
FTR-KAK009T-HT
9
FTR-KAK02T-HT
2
FTR-KAK08T-HT
8
FTR-KAK022T-HT
22
FTR-KAK024T-HT
24
FTR-KAK028T-HT
28
FTR-KAK048T-HT
K:430mW
48
FTR-KCK005W-HT
C:formC
K:400mW
5
W:AgSnO2
FTR-KCK006W-HT
6
FTR-KCK009W-HT
9
FTR-KCK02W-HT
2
FTR-KCK08W-HT
8
FTR-KCK022W-HT
22
FTR-KCK024W-HT
24
FTR-KCK028W-HT
28
FTR-KCK048W-HT
K:430mW
48
400mWtype
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max.Coil
Voltage*
Coil
Resistance
(±0%)
MustOperate
Voltage*2
Must
ReleaseVoltage*2
NominalPower
(mW)
005
5
12.2VDC
62Ω
3.5VDC
0.5VDC
400
006
6
14.7VDC
90Ω
4.2VDC
0.6VDC
009
9
22.0VDC
202Ω
6.3VDC
0.9VDC
02
2
29.4VDC
360Ω
8.4VDC
1.2VDC
08
8
44.1VDC
810Ω
12.6VDC
1.8VDC
022
22
53.9VDC
1,210Ω
15.4VDC
2.2VDC
024
24
58.8VDC
1,440Ω
16.8VDC
2.4VDC
028
28
68.6VDC
1,960Ω
19.6VDC
2.8VDC
048
48
117.6VDC
5,360Ω
33.6VDC
4.8VDC
430
Note:Allvaluesinthetablearemeasuredat20°C.
*1:Nocontactcurrentat20°C
*2:Specifiedvaluesaresubjecttopulsewavevoltage


Similar Part No. - FTR-K1CK006W-HT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK006W- FUJITSU-FTR-K1CK006W- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-LA FUJITSU-FTR-K1CK006W-LA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-LB FUJITSU-FTR-K1CK006W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-MA FUJITSU-FTR-K1CK006W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1CK006W-HT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com