Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK006EMABG Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K1CK006EMABG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK006EMABG Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K1CK006EMABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK006EMABG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

FTR-K1 SERIES
(a)
SeriesName
FTR-K:FTR-KSeries
(b)
ContactArrangement
A
:formA(SPST-NO)
C
:formC(SPDT)
(c)
CoilType/Enclosure
K
:Standard(400mW)/fluxfree
(d)
NominalVoltage
005
:5VDC,
006:6VDC,
009:9VDC
02:2VDC
08
:8VDC
022:022VDC 024:24VDC
028:28VDC
048:48VDC
(e)
ContactMaterial/TVtype
W
:AgSnO2
E
:AgNi
(f)
Terminalpitch
MA :3.5mmpitch
MB:5.0mmpitch
(g)
SpecialDesignation
BG
:Goldplated;3µm
n
FEATURES
l
2A
l
3.5mmand5.0mmterminalpitch
l
Lowprofile(height:15.7mm)
l
HIGHISOLATION
InsulationDistance(betweencoilandcontacts):0mmmin.
Dielectricstrength:5KV
Surgestrength:0KV
l
Lowcoilpower(400mW)
l
Cadmiumfreecontacts
l
SAFETYSTANDARDS
UL,CSA,VDE,SEMKOapproved
l
RoHSCompliant
l
ULFclassisolationwire
l
VDEGlow-wireignitablilitytest775(IEC60335-1)approved
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.:Orderingcode:FTR-KCK02W
Actualmarking:KCK02W
POWER RELAY
1 POLE - 12A
FTR-K1 Series
n
ORDERING INFORMATION
FTR-K C K 005 W -MA
–BG
[Example]
(a)
(b) (c) (d) (e)
(f)
(g)
RoHS compliant


Similar Part No. - FTR-K1CK006EMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK006E FUJITSU-FTR-K1CK006E Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
More results

Similar Description - FTR-K1CK006EMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com