Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8843.FLR Datasheet(PDF) 1 Page - Schurter Inc.

Part # 8843.FLR
Description  IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8843.FLR Datasheet(HTML) 1 Page - Schurter Inc.

  8843.FLR Datasheet HTML 1Page - Schurter Inc. 8843.FLR Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Connectors (Inlets/Outlets)
8843.FLR
www.schurter.com/pg07
Connectors
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
8843.FLR
C14
70° C
Description
-PanelMount:
Screw-onmountingfromfrontside
-ApplianceInlet,Pintemperature70°C,ProtectionclassI
-Screw
Approvals
-VDELicenseNumber:77564
-ULLicenseNumber:E96454
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>2kVACbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Screw
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Material:Housing
Thermoset,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Dimensions
38mm
8843.FLR
R5
M3
30
3.2
6.2x90˚
38
34
3
Screw M3
Variants
Type
Order Number
8843.FLR
4300.0066
Packaging unit
50Pcs


Similar Part No. - 8843.FLR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8843.FLR SCHURTER-8843.FLR Datasheet
184Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
8843.FLR SCHURTER-8843.FLR_V01 Datasheet
184Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
More results

Similar Description - 8843.FLR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8843.FLR SCHURTER-8843.FLR_V01 Datasheet
184Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
8843.FL SCHURTER-8843.FL Datasheet
368Kb / 2P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
6062 SCHURTER-6062_V01 Datasheet
417Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw Terminal
28.02.2013
6061 SCHURTER-6061_18 Datasheet
465Kb / 7P
   IEC Appliance Inlet C14/C18, Screw-on Mounting, Front Side, Solder or Quick-connect, Screw Terminal
0181 SCHURTER-0181 Datasheet
294Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
0181-A SCHURTER-0181-A Datasheet
299Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6061 SCHURTER-6061_V02 Datasheet
524Kb / 8P
   IEC Appliance Inlet C14/C18, Screw-on Mounting, Front Side, Solder or Quick-connect, Screw Terminal
05.01.2022
0161 SCHURTER-0161 Datasheet
367Kb / 3P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com