Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1LCK012W Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K1LCK012W
Description  POWER RELAY 1 POLE - 16A / Inrush 80A type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1LCK012W Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K1LCK012W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1LCK012W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1LCK012W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1LCK012W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1LCK012W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1LCK012W Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
I�e��
FTR-K��L()��K()T
FTR-KL()CK()W
Contact
Data
�������������
���������
��������
Construction
Single
Material
���S�O
2
Resistance(initial)
≤��00��Oh��������,6VD�
Contactrating
��6��,250V���
Max�carryingcurrent*
��6��
Max�switching�oltage
440V���
Max�switchingpower
4,000V��
L�����ed���k�����p����y
80��(�ypeT�����������e���l)
Min�switchingload*2
��0����,5VD�
Life
Mechanical
3x�6�pe������s����������
Electrical
Contactrating
��x�3�pe������s����. ��x�3�pe������s����.
5/80��250V���(����sh) 2�x�3�pe������s����������(N.O.�������)
CoilData
Ratedpower(2�°C)
�����l��400��W/2���ls��600��W
Ope�������e��pe�����e����e
-���°Cto+8�°C(nofrost)
T������D��� Se�(���������lv�l���e)
≤��5��s(��d��de,ex�l�d���b����e)
Rese�(���������lv�l���e)
≤��5��s(��d��de,ex�l�d���b����e)
M��.���lex������������e(���������lv�l���e)
30��s
Insulation
Resistance(initial)
≥��,000MOh����500VD�
Dielectricstrength
Opencontacts
��,000V���(50/60Hz)������
Contactstocoil
5,000V���(50/60Hz)������
Surgestrength
Coiltocontacts
��0,000V/��.2x50µss���d��dw�ve
Other
�ibrationresistance
M�s�pe������≥��µs ��0��55Hzd��ble���pl���de0.7����
Endurance
��0��55Hzd��ble���pl���de��.5����
Shock
M�s�pe������≥��µs M��.��00��/s2(����±����s)
Endurance
M��.��,000��/s2(6±����s)
Weight
��pp��x�����ely��3�
*Need�����s�de��hehe�������P�Bwhe����x.����e���s����e�h����0��.
*2M��������sw���h���l��ds��e�����ed�b�ve��e�e�e�e��ev�l�es.Ple�sepe�������he��������������es�w��h�����l
l��dbe���ep��d������s���e�e�e�e��ev�l�es���yv��y�����d�����sw���h�����eq�e���es,e�v������e���l�������s
andexpectedreliabilityle�els�
FTR-K1L SERIES


Similar Part No. - FTR-K1LCK012W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1L005WLABG FUJITSU-FTR-K1L005WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L005WLBBG FUJITSU-FTR-K1L005WLBBG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L006WLABG FUJITSU-FTR-K1L006WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L006WLBBG FUJITSU-FTR-K1L006WLBBG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L009WLABG FUJITSU-FTR-K1L009WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
More results

Similar Description - FTR-K1LCK012W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
   SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
   POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com