Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1LAK012W Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K1LAK012W
Description  POWER RELAY 1 POLE - 16A / Inrush 80A type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1LAK012W Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K1LAK012W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1LAK012W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1LAK012W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1LAK012W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1LAK012W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1LAK012W Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

FTR-K1 SERIES
(a)
Relaytype
FTR-K:FTR-KSeries
(b)
Operatingfunction
L
:Latchingtype
(c)
Coiltype
Nil
:coil
D
:2coils
(d)
������� �������������
��
�� �� ����� ��
��������������������
��
�� �� ����� ��
��
�� �� ����� ��
��
�����������
����������
(e)
Coilpower/Enclosure
K
:Standard/Fluxfree
(f)
Coil rated �oltage
�2
: ������2�� �DC
Coilrated�oltage
�2
: ������2�� �DC
�2
: ������2�� �DC
�2
:������2���DC
Coilratingtableatpage3
(�)
�����������e���l
W
�����S�O2
T
�����S�O2(������b�������w��h����������ype��ly,TV-5���ed)
n
FEATURES
l
L�wp����le
-He��h�����5.7����
l
I���shpe�k����e���p��80��(TV-5)
l
Highinsulationbetweencoilandcontacts:
-I�s�l�����d�s����e����0����
-D�ele�����s��e���h��5,000V���
-S���es��e���h����0,000V
l
Pl�s�������e���ls
-UL94fl������b�l��y�l�ssV-0
l
��d��������ee�el�y
l
R�HS����pl����
Ple�seseep��e5�������e������������
������l����k���d�es�������y�he�ype����e��"FTR"
E.�.��O�de������de��FTR-K��LD�K0��2W
������l����k�����K��LD�K0��2W
POWER RELAY
1 POLE - 16A / Inrush 80A type
FTR-K1L Series
n
PARTNUMBER INFORMATION
FTR-K L
DCK�2W
[Ex���ple]
(�)
(b) (�) (d) (e)(�)(�)


Similar Part No. - FTR-K1LAK012W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1L005WLABG FUJITSU-FTR-K1L005WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L005WLBBG FUJITSU-FTR-K1L005WLBBG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L006WLABG FUJITSU-FTR-K1L006WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L006WLBBG FUJITSU-FTR-K1L006WLBBG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1L009WLABG FUJITSU-FTR-K1L009WLABG Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
More results

Similar Description - FTR-K1LAK012W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
   SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
   POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com