Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1TJK012T Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K1TJK012T
Description  POWER RELAY 1 POLE - 17A Tab Terminal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1TJK012T Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K1TJK012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1TJK012T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-K1 SERIES
n
SPECIFICATIONS
Item
FTR-KT()K
Contact Arrangement
1formA
Material
AgSnO2
Resistance(initial)
Maximum100mΩat1A,6VDC
Rating
17A,250VAC
MaximumCarryingCurrent*1
17A
MaximumInrushCurrent
78A,120VAC(lampload)
MaximumSwitchingRating
4,250VA
MaximumSwitchingVoltage
440VAC
MinimumSwitchingLoad*2
10mA5VDC
Coil
NominalPower(at20ºC)
400mW(at430mW48Vcoil)
OperatePower(at20ºC)
200mW(210mWat48Vcoil)
OperatingTemperature
-40ºCto+105ºC(nofrost)
Time
Value
Operate(withoutdiode)
Maximum15ms(atnominalvoltage,nobounce)
Release(withoutdiode)
Maximum5ms(atnominalvoltage,nobounce)
Life
Mechanical
20x106operationsminimum
Electrical
ACContactrating
100x103operationsmin.
Other
Vibration
Resistance
Misoperation
10to55Hz,atdoubleamplitudeof0.7mm
Endurance
10-55Hz,atdoubleamplitudeof1.5mm
Shock
Resistance
Misoperation
Min.100m/s2(±ms)
Endurance
Min.1,000m/s2(6±1ms)
Weight
Approximately13g
*NeedtoconsidertheheatfromPCBwhenmax.currentismorethan10A.
*2 Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
andexpectedreliabilitylevels.


Similar Part No. - FTR-K1TJK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1 FUJITSU-FTR-K1 Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1-10A FUJITSU-FTR-K1-10A Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
More results

Similar Description - FTR-K1TJK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com