Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AK009WMABG Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K1AK009WMABG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK009WMABG Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K1AK009WMABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1AK009WMABG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-K1 SERIES
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
Contact
Material
Terminal
Pitch
FTR-KAK005W-MB
FTR-K
A:formA
K:400mW
5
W:Silver
tinoxide
MB:5.0mm
FTR-KAK006W-MB
6
FTR-KAK009W-MB
9
FTR-KAK02W-MB
2
FTR-KAK08W-MB
8
FTR-KAK022W-MB
22
FTR-KAK024W-MB
24
FTR-KAK028W-MB
28
FTR-KAK048W-MB
K:430mW
48
FTR-KCK005W-MB
C:formC
K:400mW
5
FTR-KCK006W-MB
6
FTR-KCK009W-MB
9
FTR-KCK02W-MB
2
FTR-KCK08W-MB
8
FTR-KCK022W-MB
22
FTR-KCK024W-MB
24
FTR-KCK028W-MB
28
FTR-KCK048W-MB
K:430mW
48
5.0mmpitchandsilvertinoxidetype
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
Contact
MBterial
Terminal
Pitch
FTR-KAK005E-MB
FTR-K
A:formA
K:400mW
5
E:Silver
nickel
MB:5.0mm
FTR-KAK006E-MB
6
FTR-KAK009E-MB
9
FTR-KAK02E-MB
2
FTR-KAK08E-MB
8
FTR-KAK022E-MB
22
FTR-KAK024E-MB
24
FTR-KAK028E-MB
28
FTR-KAK048E-MB
K:430mW
48
FTR-KCK005E-MB
C:formC
K:400mW
5
FTR-KCK006E-MB
6
FTR-KCK009E-MB
9
FTR-KCK02E-MB
2
FTR-KCK08E-MB
8
FTR-KCK022E-MB
22
FTR-KCK024E-MB
24
FTR-KCK028E-MB
28
FTR-KCK048E-MB
K:430mW
48
5.0mmpitchandsilvernickeltype


Similar Part No. - FTR-K1AK009WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK009W- FUJITSU-FTR-K1AK009W- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK009W-HT FUJITSU-FTR-K1AK009W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1AK009W-LA FUJITSU-FTR-K1AK009W-LA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK009W-LB FUJITSU-FTR-K1AK009W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK009W-MA FUJITSU-FTR-K1AK009W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1AK009WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com