Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1AL100RRG Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-F1AL100RRG
Description  FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AL100RRG Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-F1AL100RRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AL100RRG Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
n
FEATURES
l
DPST/DPDT 8A
l
Low profile power relay (height 16.5 mm) employing
unique construction
l
Higher isolation by employing reinforced insulation co
struction
Insulation distance: 8 mm (between coil and contact)
Dielectric strength: 5 kV (between coil and contact)
Surge strength: 10 kV (between coil and contact)
l
Pin configuration compatible to VB/FBR620
l
UL, CSA, VDE, SEMKO, CQCrecognized
l
Conforms to FIMKO, IMQ, DEMKO
l
RoHS compliant since date code: 0434R
Please see page 8 for more information
n
ORDERING INFORMATION - 5A Rating Type
FTR-F1
A
L
005
R – (**)
[Example]
(a)
(b) (c)
(d)
(e)
(f)
FTR-F1 R SERIES
POWER RELAY
2 POLES—8 A LOW PROFILE TYPE
1
(a)
Series Name
FTR-F1 : FTR-F1 Series
(b)
Contact Arrangement
A
: 2 form A (DPST-NO)
C
: 2 form C (DPDT)
(c)
Coil Type
L
: High sensitive type (400 mW)
(d)
Nominal Voltage
003
: 3 VDC (high sensitive type 'D' only)
005
: 5 VDC
012: 12 VDC
048: 48 VDC
006
: 6 VDC
018: 18 VDC
060: 60 VDC
009
: 9 VDC
024: 24 VDC
100: 100 VDC
(e)
Contact Rating
R
: 8A
(f)
Custom Designation
RG
: Transparency cover
Ordering Code:
FTR-F1AL005V
Actual Marking:
F1AL005V
RoHS compliant


Similar Part No. - FTR-F1AL100RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003T-RG FUJITSU-FTR-F1AA003T-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AL100RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
logo
Adam Technologies, Inc.
DME-A-02-V ADAM-TECH-DME-A-02-V Datasheet
67Kb / 1P
   WIRE TO BOARD A TYPE 2 POLES
logo
SUYIN USA, INC.
070263MR SUYIN-USA-070263MR Datasheet
127Kb / 1P
   15 PIN D-SUB CONNECTOR MALE R/A TYPE LOW PROFILE
070207FR SUYIN-USA-070207FR Datasheet
137Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
070922FR015S101CY SUYIN-USA-070922FR015S101CY Datasheet
100Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
   USB A TYPE R/A DIP TYPE
020169MR004G103ZU SUYIN-USA-020169MR004G103ZU Datasheet
70Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
020133MR004SX25ZL SUYIN-USA-020133MR004SX25ZL Datasheet
78Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com