Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AK005E Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-K1AK005E
Description  POWER RELAY 1 POLE - 16A Silver Nickel Contact
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK005E Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-K1AK005E Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK005E Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-K1 SERIES
n
SPECIFICATIONS
Item
FTR-KAK()E
FTR-KCK()E
Contact Arrangement
formA
fromC
Material
AgNi
Resistance(initial)
Maximum100mΩat1A,6VDC
Rating
6A,250VAC/24VDC
MaximumCarryingCurrent*1
20A
MaximumSwitchingRating
4,000VA/384W
MaximumSwitchingVoltage
440VAC/300VDC
MinimumSwitchingLoad*2
0mA5VDC
Coil
NominalPower(at20ºC)
400mW(at430mW48Vcoil)
OperatePower(at20ºC)
200mW(20mWat48Vcoil)
OperatingTemperature
-40ºCto+85ºC(nofrost)
Time
Value
Operate(withoutdiode)
Maximum15ms(atnominalvoltage,nobounce)
Release(withoutdiode)
Maximum5ms(atnominalvoltage,nobounce)
Life
Mechanical
20x106operationsminimum
Electrical
ACContactrating
100x103operationsmin.
50x103operationsmin.
DCcontactrating
100x103operationsmin.
30x103operationsmin.
Other
Vibration
Resistance
Misoperation
10to55Hz,atdoubleamplitudeof0.7mm
Endurance
10-55Hz,atdoubleamplitudeof1.5mm
Shock
Resistance
Misoperation
Min.100m/s2(±ms)
Endurance
Min.1,000m/s2(6±ms)
Weight
Approximately13g
*NeedtoconsidertheheatfromPCBwhenmax.currentismorethan10A.
*2 Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
andexpectedreliabilitylevels.


Similar Part No. - FTR-K1AK005E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK005E-LA-RG FUJITSU-FTR-K1AK005E-LA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1AK005E-LB-RG FUJITSU-FTR-K1AK005E-LB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1AK005E-MA-RG FUJITSU-FTR-K1AK005E-MA-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1AK005E-MB-RG FUJITSU-FTR-K1AK005E-MB-RG Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K1AK005EMABG FUJITSU-FTR-K1AK005EMABG Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
More results

Similar Description - FTR-K1AK005E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com