Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F3AA006EKS Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F3AA006EKS
Description  POWER RELAY 1 POLE 3A SLIM TYPE RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3AA006EKS Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F3AA006EKS Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F3AA006EKS Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FTR-F3 sERIEs
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
n
sPECIFICATIONs
Item
FTR-F3AA()E
Contact
Arrangement
1formA(SPST-NO)
Material
Silvernickel
Configuration
Single
Resistance(initial)
Maximum100mΩat6VDC,1A
Rating
3A,125VAC/30VDC
MaximumCarryCurrent
5A
MaximumSwitchingPower
750VA/90W
MaximumSwitchingVoltage
277VAC/30VDC
MaximumSwitchingLoad*1
10mA5VDC
Coil
RatingPower
200mW
MustOperatePower
113mW
OperatingTemperature
-40ºCto+70ºC(nofrost)
TimeValue OperateTime(withoutdiode) Maximum10ms
ReleaseTime(withoutdiode) Maximum10ms
Life
Mechanical
5x106operationsminimum
Electrical
200x103operationsminimum
Other
Vibration
Resistance
Misoperation
10to55Hz,atdoubleamplitudeof1.5mm
Endurance
10-55Hz,atdoubleamplitudeof1.5mm
Shock
Resistance
Misoperation
Min.100m/s2(11±1ms)
Endurance
Min.1,000m/s2(6±1ms)
Weight
Approximately4g
n
INsuLATION
Item
FTR-F3
Resistance(500VDC)
Minimum1,000MΩ
Dielectric
Strength
opencontacts
750VAC(50/60Hz)1min.
coilandcontacts
4,000VAC(50/60Hz)1min.
SurgeVoltage(coilandcontact)
10,000V(1.2x50µsstandardwave)
Clearance/Creepage
6mm/6mm
Insulation(DINEN61810-1VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
2
IIa
Isolationcategory/Referencevoltage(VDE01106) C/250V


Similar Part No. - FTR-F3AA006EKS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA006EKS FUJITSU-FTR-F3AA006EKS Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
More results

Similar Description - FTR-F3AA006EKS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com