Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1CL018RRG Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F1CL018RRG
Description  FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1CL018RRG Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F1CL018RRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1CL018RRG Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FTR-F1 SERIES
n
SPECIFICATIONS
Item
Standard Type
F1(A, C)L ( )R
Transparent Cover
F1(A, C)L ( )R-RG
Contact Arrangement
2 form A (DPST-NO), 2 form C (DPDT)
Material
Movable: gold plate silver tin oxide; Stationary: Silver tin oxide
Configuration
Single
Resistance (initial)
Maximum 100 mΩ at 1 A, 6 VDC
Rating (resistive)
8A, 250VAC / 24VDC
Maximum Carrying Current*1 8A
Maximum Switching Rating
2,000 VA / 192W
Maximum Switching Voltage
400 VAC / 300VDC
Maximum Switching Load*2
10mA 5 VDC
Coil
Nominal Power (at 20ºC)
400mW
Operate Power (at 20ºC)
225mW
Operating Temperature
-40ºC to +75°C (no frost)
-40ºC to +70°C (no frost)
Time
Value
Operate (without diode)
Maximum 15ms (at nominal voltage, no bounce)
Release (without diode)
Maximum 5ms (at nominal voltage, no bounce)
Life
Mechanical
2 x 107 ops minimum
Electrical
AC load
5 x 104 ops min.
DC load
5 x 104 ops min.
Other
Vibration
Resistance
Misoperation
10 to 55 Hz, at double amplitude of 1.65mm
Endurance
10 to 55Hz, at double amplitude of 3.3mm
Shock
Resistance
Misoperation
100m/s2 (11±1ms)
Endurance
1,000m/s2 (6±1ms)
Weight
Approximately 12g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
n
INSULATION
Item
FTR-F1
Note
Resistance (initial)
Minimum 1,000 MΩ
at 500 VDC
Dielectric
Strength
open contacts
1,000 VAC (50/60 Hz) 1 min.
coil and contacts
5,000 VAC (50/60 Hz) 1 min.
adjacent contacts
3,000 VAC (50/60 Hz) 1 min.
Surge Voltage (coil and contact)
10,000 V
1.2 x 50µs standard wave
Clearance/Creepage
8 mm / 8 mm
Insulation (DIN EN61810-1 VDE0435)
Voltage
Pollution
Isolation material group
250 V
3
IIIa
Isolation category / Reference voltage
(VDE0110b)
C / 250 V


Similar Part No. - FTR-F1CL018RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1CA003T FUJITSU-FTR-F1CA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1CA003T FUJITSU-FTR-F1CA003T Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1CA003T-RG FUJITSU-FTR-F1CA003T-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1CA003V FUJITSU-FTR-F1CA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1CA003V FUJITSU-FTR-F1CA003V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1CL018RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
logo
Adam Technologies, Inc.
DME-A-02-V ADAM-TECH-DME-A-02-V Datasheet
67Kb / 1P
   WIRE TO BOARD A TYPE 2 POLES
logo
SUYIN USA, INC.
070263MR SUYIN-USA-070263MR Datasheet
127Kb / 1P
   15 PIN D-SUB CONNECTOR MALE R/A TYPE LOW PROFILE
070207FR SUYIN-USA-070207FR Datasheet
137Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
070922FR015S101CY SUYIN-USA-070922FR015S101CY Datasheet
100Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
   USB A TYPE R/A DIP TYPE
020169MR004G103ZU SUYIN-USA-020169MR004G103ZU Datasheet
70Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
020133MR004SX25ZL SUYIN-USA-020133MR004SX25ZL Datasheet
78Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com