Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H3 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-H3
Description  SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H3 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-H3 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H3 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FTR-H3 SERIES
n
PART NUMBERS
Ordering Part Number
Series
Contact
Coil
Power
Coil
Voltage
Contact Material
FTR-H3AA005V
FTR-H3 1 form A
A:
Standard
(530 mW)
5
V: Silver tin oxide
(TV-5)
FTR-H3AA009V
9
FTR-H3AA012V
12
FTR-H3AA024V
24
FTR-H3AA005T
5
T: Silver tin oxide
(TV-8)
FTR-H3AA009T
9
FTR-H3AA012T
12
FTR-H3AA024T
24
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max. Coil
Voltage*1
Coil
Resistance
( ±10%)
Must Operate
Voltage*2
Must
Release
Voltage*2
Nominal
Power
(±10%)
005
5
8.2 VDC
47 Ω
3.5 VDC
0.5 VDC
530 mW
009
9
9.9 VDC
155 Ω
6.3 VDC
0.9 VDC
012
12
19.8 VDC
270 Ω
8.4 VDC
1.2 VDC
024
24
39.6 VDC
1,100 Ω
16.80 VDC
2.2 VDC
Note: All values in the table are measured at 20°C.
*1: No contact current at 20°C
*2: Specified values are subject to pulse wave voltage


Similar Part No. - FTR-H3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H3 FUJITSU-FTR-H3 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3AA005V FUJITSU-FTR-H3AA005V Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H3AA005V FUJITSU-FTR-H3AA005V Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3AA009V FUJITSU-FTR-H3AA009V Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
More results

Similar Description - FTR-H3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
   POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com