Electronic Components Datasheet Search |
|
FTR-F1AA009T Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
FTR-F1AA009T Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 9 page n FEATURES l Low profile power relay (height 16.5 mm) employing unique construction l DPST/DPDT 5 A, TV-3 rating available l Higher isolation by employing reinforced insulation co struction Insulation distance: 8 mm (between coil and contact) Dielectric strength: 5 kV (between coil and contact) Surge strength: 10 kV (between coil and contact) l Pin configuration compatible to VB/FBR620 l UL, CSA, VDE, SEMKO, SEV, CQC, FIMKO, IMQ, DEMKO, NEMKO recognized l RoHS compliant since date code: 0434R Please see page 8 for more information n ORDERING INFORMATION - 5A Rating Type FTR-F1 A A 005 V – ** [Example] (a) (b) (c) (d) (e) (f) FTR-F1 SERIES POWER RELAY 2 POLES—5 A LOW PROFILE TYPE 1 (a) Series Name FTR-F1 : FTR-F1 Series (b) Contact Arrangement A : 2 form A (DPST-NO) C : 2 form C (DPDT) (c) Coil Type A : Standard type (530 mW) D : High sensitive type (400 mW) (d) Nominal Voltage 003 : 3 VDC (high sensitive type 'D' only) 005 : 5 VDC 012: 12 VDC 048: 48 VDC 006 : 6 VDC 018: 18 VDC 060: 60 VDC 009 : 9 VDC 024: 24 VDC 110: 110 VDC (e) Contact Material/TV Type V : Gold plate silver tin oxide (standard type) T : Gold plate silver tin oxide (TV-3 rating type, only standard make type) (f) Custom Designation RG : Transparency cover Ordering Code: FTR-F1AA005V Actual Marking: F1AA005V RoHS compliant |
Similar Part No. - FTR-F1AA009T |
|
Similar Description - FTR-F1AA009T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |