Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F2PM012T Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F2PM012T
Description  1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F2PM012T Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F2PM012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F2PM012T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-F2P Series
n
SPECIFICATIONS
Item
Opentype
F2PL()T
F2PM()T
Contact
Arrangement
formA(SPST-NO)
Material
Silvertinoxide
Configuration
Single
Resistance(initial)
Maximum 100 mΩ at 6 VDC, 1 A
Rating(resistive)
250VAC/30VDC/5A
MaximumCarryingCurrent
5A
MaximumSwitchingRating
250VA/50W
MaximumSwitchingVoltage
400VAC/300VDC
MaximumSwitchingLoad*
00mA,5VDC
Coil
NominalPower(20°C)
250mW
OperatePower(20°C)
60mW
OperatingTemperature
-40ºCto+70ºC(nofrost)
TimeValue OperateTime(atnominalvoltage) Maximum5ms
ReleaseTime(atnominalvoltage) Maximum5ms
Life
Mechanical
2x06operationsminimum
Electrical
ACContactrating
00x03operationsmin.
DCContactRating
00x03operationsminimum
Lampload(TV-5)
25x03operationsminimum
Other
Vibration
Resistance
Misoperation
0to55Hz,atdoubleamplitudeof.5mm
Endurance
0to55Hz,atdoubleamplitudeof.5mm
Shock
Resistance
Misoperation
Min.200m/s2(±ms)
Endurance
Min.,000m/s2(±ms)
Weight
Approximately2g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.


Similar Part No. - FTR-F2PM012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA005T FUJITSU-FTR-F2AA005T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA006T FUJITSU-FTR-F2AA006T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA009T FUJITSU-FTR-F2AA009T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2AA012T FUJITSU-FTR-F2AA012T Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-F2PM012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
   SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com