Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS23-3F3-A315 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # PTS23-3F3-A315
Description  PT, PTS, PTS/I cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS23-3F3-A315 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  PTS23-3F3-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS23-3F3-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS23-3F3-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PTS23-3F3-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1061
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS23/11
(2311THS)
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.550
mm−1
Ve
effective volume
1810
mm3
Ie
effective length
31.6
mm
Ae
effective area
57.2
mm2
Amin
minimum area
53.6
mm2
m
mass of set
≈ 9.0
g
handbook, halfpage
13.2 min
7.5
± 0.25
MGB579
11
± 0.25
5.1
± 0.1
9.7
± 0.2
15.2
± 0.25
18.3
± 0.35
22.9
± 0.45
Fig.1 PTS23/11 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C81
160
±3%
≈ 70
≈ 540
PTS23/11-3C81-A160
250
±3%
≈ 110
≈ 320
PTS23/11-3C81-A250
315
±3%
≈ 138
≈ 250
PTS23/11-3C81-A315
400
±3%
≈ 175
≈ 190
PTS23/11-3C81-A400
630
±5%
≈ 276
≈ 110
PTS23/11-3C81-A630
4890
±25%
≈ 2150
≈ 0
PTS23/11-3C81
3C91
4890
±25%
≈ 2150
≈ 0
PTS23/11-3C91
3F3
160
±3%
≈ 70
≈ 540
PTS23/11-3F3-A160
250
±3%
≈ 110
≈ 320
PTS23/11-3F3-A250
315
±3%
≈ 138
≈ 250
PTS23/11-3F3-A315
400
±3%
≈ 175
≈ 190
PTS23/11-3F3-A400
630
±5%
≈ 276
≈ 110
PTS23/11-3F3-A630
3280
±25%
≈ 1510
≈ 0
PTS23/11-3F3


Similar Part No. - PTS23-3F3-A315

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTS BOURNS-PTS Datasheet
459Kb / 6P
   High Grade Slide Potentiometer
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
   High stability thin film Platinum sensor
logo
Vishay Siliconix
PTS VISHAY-PTS Datasheet
110Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS VISHAY-PTS Datasheet
120Kb / 6P
   Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
01-Jan-2022
PTS-0603 VISHAY-PTS-0603 Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
More results

Similar Description - PTS23-3F3-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT23 FERROXCUBE-PT23 Datasheet
60Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS30 FERROXCUBE-PTS30 Datasheet
45Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT14 FERROXCUBE-PT14 Datasheet
64Kb / 6P
   PT, PTS, PTS/I cores and accessories
PTS40 FERROXCUBE-PTS40 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS18 FERROXCUBE-PTS18 Datasheet
51Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS14 FERROXCUBE-PTS14 Datasheet
54Kb / 5P
   PT, PTS, PTS/I cores and accessories
I100 FERROXCUBE-I100 Datasheet
42Kb / 3P
   U, I cores and accessories
U25-16-6 FERROXCUBE-U25-16-6 Datasheet
44Kb / 3P
   U, I cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com