Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3CB1.5Z Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-B3CB1.5Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3CB1.5Z Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-B3CB1.5Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3CB1.5Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Ftr-B3 series
n
COIL Data CHart
Coil
Voltage
Nominal
Voltage (VDC)
Max. Coil
Voltage*
Coil Resistance
( ±10%)
Must Operate
Voltage*2
Must Release
Voltage*2
Nominal Power
(mW)
1.5
1.5
3.53 VDC
16.1 Ω
1.13 VDC
0.15 VDC
140
003
3
7.05 VDC
64.3 Ω
2.25 VDC
0.3 VDC
4.5
4.5
10.58 VDC
145 Ω
3.38 VDC
0.45 VDC
006
6
14.10 VDC
257 Ω
4.5 VDC
0.6 VDC
009
9
21.15 VDC
579 Ω
6.75 VDC
0.9 VDC
012
2
28.20 VDC
1,028 Ω
9.0 VDC
1.2 VDC
024
24
56.40 VDC
2,504 Ω
18.0 VDC
2.4 VDC
230
Standard type
Latching type (1 coil)
Note: All values in the table are measured at 20˚C.
*1: No contact current at 20°C. Please see 'operating range' data for other conditions.
*2: Specified values are subject to pulse wave voltage.
Coil
Voltage
Nominal
Voltage (VDC)
Max. Coil
Voltage*
Coil Resistance
( ±10%)
Must Operate
Voltage*2
Must Release
Voltage*2
Nominal Power
(mW)
1.5
1.5
3.53 VDC
22.5 Ω
1.13 VDC
-0.13 VDC
100
003
3
7.05 VDC
90 Ω
2.25 VDC
-2.25 VDC
4.5
4.5
10.58 VDC
203 Ω
3.38 VDC
-3.38 VDC
006
6
14.10 VDC
360 Ω
4.5 VDC
-4.5 VDC
009
9
21.15 VDC
810 Ω
6.75 VDC
-6.75 VDC
012
2
28.20 VDC
1,440 Ω
9.0 VDC
-9.0 VDC
024
24
56.40 VDC
4,800 Ω
18.0 VDC
-18.0 VDC
120


Similar Part No. - FTR-B3CB1.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3CB1.5Z-B10 FUJITSU-FTR-B3CB1.5Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
More results

Similar Description - FTR-B3CB1.5Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com