Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ35-3C94 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # PQ35-3C94
Description  PQ cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PQ35-3C94 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  PQ35-3C94 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PQ35-3C94 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PQ35-3C94 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PQ35-3C94 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PQ35-3C94 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PQ35-3C94 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
PQ cores and accessories
PQ35/35
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
3F3
315
±3%
≈ 114
≈ 920
PQ35/35-3F3-E315
400
±3%
≈ 144
≈ 690
PQ35/35-3F3-E400
630
±3%
≈ 227
≈ 400
PQ35/35-3F3-A630
1000
±3%
≈ 361
≈ 230
PQ35/35-3F3-A1000
1600
±5%
≈ 577
≈ 120
PQ35/35-3F3-A1600
4570
±25%
≈ 1650
≈ 0
PQ35/35-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f = 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
3C81
≥320
≤ 3.8
−−
3C90
≥320
≤ 2.0
≤ 2.1
−−
−−
3C91
≥320
−≤ 1.2(1)
−≤ 8.0(1)
−−
3C94
≥320
−≤ 1.6
−≤ 10
−−
3C95
≥320
−−
≤ 10.3
≤ 9.78
−−
3C96
≥340
−≤ 1.2
−≤ 8.0
≤ 3.0
≤ 6.1
3F3
≥320
−≤ 1.8
−−
≤ 3.1
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - PQ35-3C94

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ35 YUXIANG-PQ35 Datasheet
103Kb / 3P
   PQ CORES
logo
Sumida Corporation
PQ3537 SUMIDA-PQ3537 Datasheet
48Kb / 1P
   General Power Transformer
logo
YUXIANG Magnetc materia...
PQ35A YUXIANG-PQ35A Datasheet
103Kb / 3P
   PQ CORES
More results

Similar Description - PQ35-3C94

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CPV-PQ16-1S-14P-Z FERROXCUBE-CPV-PQ16-1S-14P-Z Datasheet
22Kb / 1P
   PQ cores and accessories
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com