Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS14-3C81-A250 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # PTS14-3C81-A250
Description  PT, PTS, PTS/I cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS14-3C81-A250 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  PTS14-3C81-A250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS14-3C81-A250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS14-3C81-A250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PTS14-3C81-A250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PTS14-3C81-A250 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2008 Sep 01
1045
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS14/8
(1408THS)
Winding data and area product (for PTS14/8) for CP-P14/8-A coil former
Winding data and area product (for PTS14/8) for 4-pins P14/8 coil former for PCB mounting
Winding data and area product (for PTS14/8) for 6-pins P14/8 coil former for PCB mounting
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH (mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
9.4
4.5
29.0
207
CP-P14/8-1S-A
2
2 x 4.32
2 x 2.0
29.0
2 x 95.0
CP-P14/8-2S-A
33
× 2.19
3
× 1.2
29.0
3 x 48.2
CP-P14/8-3S-A
NUMBER
OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH
OF TURN
(mm)
LENGTH
OF PINS
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
8.65
4.4
29.0
4.4
190
CPV-P14/8-1S-4SPD
1
8.65
4.4
29.0
6.8
190
CPV-P14/8-1S-4SPDL
22
× 3.87
2
× 2.0
29.0
4.4
2 x 85.1
CPV-P14/8-2S-4SPD
22
× 3.87
2
× 2.0
29.0
6.8
2 x 85.1
CPV-P14/8-2S-4SPDL
NUMBER
OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH
OF TURN
(mm)
LENGTH
OF PINS
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
8.65
4.4
29.0
4.4
190
CPV-P14/8-1S-6PD
1
8.65
4.4
29.0
6.8
190
CPV-P14/8-1S-6PDL
22
× 3.87
2
× 2.0
29.0
4.4
2 x 85.1
CPV-P14/8-2S-6PD
22
× 3.87
2
× 2.0
29.0
6.8
2 x 85.1
CPV-P14/8-2S-6PDL


Similar Part No. - PTS14-3C81-A250

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PTS10100 PFC-PTS10100 Datasheet
560Kb / 5P
   10A 100V HPTR Schottky Rectifier
PTS10L100 PFC-PTS10L100 Datasheet
559Kb / 5P
   10A 100V HPTR Schottky Rectifier
PTS10V100 PFC-PTS10V100 Datasheet
561Kb / 5P
   10A 100V HPTR Schottky Rectifier
PTS10V120 PFC-PTS10V120 Datasheet
565Kb / 5P
   10A 120V HPTR Schottky Rectifier
PTS10V80 PFC-PTS10V80 Datasheet
561Kb / 5P
   10A 80V HPTR Schottky Rectifier
More results

Similar Description - PTS14-3C81-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PT23 FERROXCUBE-PT23 Datasheet
60Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS30 FERROXCUBE-PTS30 Datasheet
45Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT14 FERROXCUBE-PT14 Datasheet
64Kb / 6P
   PT, PTS, PTS/I cores and accessories
PTS40 FERROXCUBE-PTS40 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS18 FERROXCUBE-PTS18 Datasheet
51Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS23 FERROXCUBE-PTS23 Datasheet
50Kb / 4P
   PT, PTS, PTS/I cores and accessories
I100 FERROXCUBE-I100 Datasheet
42Kb / 3P
   U, I cores and accessories
U25-16-6 FERROXCUBE-U25-16-6 Datasheet
44Kb / 3P
   U, I cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com