Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H2AK012T Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-H2AK012T
Description  4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H2AK012T Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-H2AK012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H2AK012T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FTR-B2 Series
DISCONTINUED
n
PACKAGING
Dimensions: mm
Generaltolerance:±0.2
Quantityofonereel:250pieces
Top cover tape
Embossed carrying tape
Perforation
Parts box
ø 13
Tape feeding
10.7
0.4
16
2
4
ø 1.55
ø 2.2
11.7
Reel Dimensions
Tape dimensions
n
RECOMMENDED CONDITION (Temperature Profile)
IRS (Infrared Reflow Soldering)
T3
T 2
T 
T3 = 245C max.
T 2 =200Cmax.
T  =165Cmax.
0
soldering
preheating
cooling
120secmaximum 30sec
Max.
VPS(Vapor Phase Soldering)
T3
T 2
T 
T3 =200Cmaximum
T 2 =165Cmaximum
T  =100Cmaximum
0
soldering
preheating
cooling
90secMax.
60secMax.
60secMax.
25C maximum
Note: 1.TemperatureprofilesshowthetemperatureofPCboardsurface.
2.Please perform soldering test with your actual PC board before
mass production, since the temperatures of PC board surfaces
vary according to the size of PC board, status of parts mounting
and heating method.


Similar Part No. - FTR-H2AK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H2AK012T FUJITSU-FTR-H2AK012T Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-H2AK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
   Dual-Pole, 2-Form-A OptoMOS Relay
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com