Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ20-3C90-A315 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # PQ20-3C90-A315
Description  PQ cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PQ20-3C90-A315 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  PQ20-3C90-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PQ20-3C90-A315 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
PQ cores and accessories
PQ20/20
COIL FORMER
General data 14-pins PQ20/20 coil former
Winding data and area product for 14-pins PQ20/20 coil former
PARAMETER
SPECIFICATION
Coil former material
Polyethylene terephtalate (PET), glass-reinforced, flame retardant in
accordance with “UL 94V-0” ; UL file number E41938
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
36.0
12.0
44.0
2250
CPV-PQ20/20-1S-14P-Z
1
36.0
12.0
44.0
2250
CPV-PQ20/20-1S-14PD-Z
handbook, full pagewidth
MGB611
20.3
20.3
23.15
max
2.54
2.4
min
10.8
23.15 max
13.85 max
12
22 max
17.35 max
0.64
3.8
(4x)
5.1
9
min
7.35
min
2.5 (6x)
Fig.2 PQ20/20 coil former; 14-pins.
Dimensions in mm.


Similar Part No. - PQ20-3C90-A315

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Pico Technology Ltd.
PQ200 PICO-PQ200 Datasheet
10Mb / 39P
   Smarter scopes for faster debug
logo
Standex Electronics, In...
PQ2006-1R0-30-G-R STANDEX-PQ2006-1R0-30-G-R Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PQ2006-1R0-30-T-R STANDEX-PQ2006-1R0-30-T-R Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
PQ2007-0R4-70-G STANDEX-PQ2007-0R4-70-G Datasheet
769Kb / 3P
   Planar Induct ors f or the PQ 20 26 ,3 2 Sizes 0.4 6.0 µ H , 8 0A max
More results

Similar Description - PQ20-3C90-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CPV-PQ16-1S-14P-Z FERROXCUBE-CPV-PQ16-1S-14P-Z Datasheet
22Kb / 1P
   PQ cores and accessories
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com