Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3CA009Z Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-B3CA009Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3CA009Z Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FTR-B3CA009Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3CA009Z Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Ftr-B3 series
Type
Compliance
Contact rating
UL
UL 508
E63615
Flammability: UL 94-V0 (plastics)
0.5A, 125VAC (resistive)
1A, 30VDC (resistive)
0.3A, 110VDC (resistive)
2A, 30VDC (resistive)
CSA
C22.2 No. 14
LR 40304-58
n
saFetY staNDarDs
Item
FTR-B3
Resistance (initial) (500 VDC)
Minimum 1,000 MΩ 1 min.
Dielectric Strength
open contacts
1,000 VAC (50/60 Hz) 1 min.
coil and contacts 1,500 VAC (50/60 Hz) 1 min.
adjacent contacts 1,000 VAC (50/60 Hz) 1 min.
Surge Voltage (coil and contact)
2,500 V 2 x 10µs standard wave
Clearance
adjacent contacts 1.0mm
open contacts
0.28mm
coil and contacts 1.0mm
Creepage
adjacent contacts 1.0mm
open contacts
0.28mm
coil and contacts 1.60mm
n
INsuLatION
n
CHaraCterIstIC Data
5
4
3
2
1
0
0.1
0.2
0.3
Operation
(return time characteristics)
Release
Operation time
Coil Power (W)
B3GA4.5Z
n=10
80
60
40
20
0
0
0.1
0.2
0.3
Coil Temperature Rise
Coil Power (W)
Contact carrying
current: 1A
Contact carrying
current: 0
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
Ambient Temperature
(maximum applied voltage,
operating voltage characteristics)
Ambient Temperature (°C)
Standard type
Contact carrying
current: 0
Contact
carrying
current:
1A
Operating
voltage
(hot coil)
Operating
voltage
(cool coil)
2
1
0.5
0.3
0.2
0.1
1
2
5
10
20 30 50 100 200
Maximum Switching Power
Contact Voltage (V)
AC Resistive
DC Resistive
100
70
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
1.2
Life Curve
Contact Current (A)
30
VDC
Resistive
● Standard type


Similar Part No. - FTR-B3CA009Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3CA003Z-B10 FUJITSU-FTR-B3CA003Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
More results

Similar Description - FTR-B3CA009Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com