Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B4 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-B4
Description  ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-B4 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FTR-B4 Series
2
n
PART NUMBERS
OrderingPartNumber
Series TerminalType
Operation
CoilVoltage
ContactMaterial
FTR-B4CA1.5Z
FTR-B4
C:through
hole
A:mono-stable
(standardtype)
1.5
Z:Au-Ag-Ni
P:Au-Ag-Pd
FTR-B4CA003Z
3
FTR-B4CA4.5Z
4.5
FTR-B4CA006Z
6
FTR-B4CA009Z
9
FTR-B4CA012Z
12
FTR-B4CA024Z
24
FTR-B4GA1.5Z
G:surface
mount
1.5
FTR-B4GA003Z
3
FTR-B4GA4.5Z
4.5
FTR-B4GA006Z
6
FTR-B4GA009Z
9
FTR-B4GA012Z
12
FTR-B4GA024Z
24
FTR-B4SA1.5Z
S:spacesav-
ingsurface
mount
1.5
FTR-B4SA003Z
3
FTR-B4SA4.5Z
4.5
FTR-B4SA006Z
6
FTR-B4SA009Z
9
FTR-B4SA012Z
12
FTR-B4SA024Z
24
Standardtype


Similar Part No. - FTR-B4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4CA003Z-B05 FUJITSU-FTR-B4CA003Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4CA006Z-B05 FUJITSU-FTR-B4CA006Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4CA009Z-B05 FUJITSU-FTR-B4CA009Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
FTR-B4CA012Z-B05 FUJITSU-FTR-B4CA012Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
More results

Similar Description - FTR-B4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com