Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P36-3F3-A1000 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P36-3F3-A1000
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P36-3F3-A1000 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P36-3F3-A1000 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P36-3F3-A1000 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008 Sep 01
1017
Ferroxcube
P cores and accessories
P36/22
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.264
mm−1
Ve
effective volume
10700
mm3
Ie
effective length
53.2
mm
Ae
effective area
202
mm2
Amin
minimum area
172
mm2
m
mass of set
≈ 54
g
CBW429
4.9
±0.6
16.2
0
−0.6
0
−1.2
29.9 +
1
0
36.2
26.2
±0.6
∅5.4 +
0.2
0
14.6 +
0.4
0
21.7
±0.3
0.5 +
0.2
0
Fig.1 P36/22 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 350
±50 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
315
±3%
≈ 66
≈ 970
P36/22-3C81-E315
400
±3%
≈ 84
≈ 730
P36/22-3C81-E400
630
±3%
≈ 132
≈ 430
P36/22-3C81-A630
1000
±3%
≈ 210
≈ 250
P36/22-3C81-A1000
1600
±5%
≈ 335
≈ 150
P36/22-3C81-A1600
10800
±25%
≈ 2260
≈ 0
P36/22-3C81
3C91
10800
±25%
≈ 2260
≈ 0
P36/22-3C91
3F3
250
±3%
≈ 52
≈ 1340
P36/22-3F3-E250
315
±3%
≈ 66
≈ 970
P36/22-3F3-E315
400
±3%
≈ 84
≈ 730
P36/22-3F3-E400
630
±3%
≈ 132
≈ 430
P36/22-3F3-A630
1000
±3%
≈ 210
≈ 250
P36/22-3F3-A1000
1600
±5%
≈ 335
≈ 150
P36/22-3F3-A1600
7350
±25%
≈ 1540
≈ 0
P36/22-3F3


Similar Part No. - P36-3F3-A1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
P3601S-6-0098-N MOLEX-P3601S-6-0098-N Datasheet
55Kb / 1P
   36 AWG Microribbon Cable
logo
Teccor Electronics
P3602A TECCOR-P3602A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3602AAL LITTELFUSE-P3602AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
P3602AALXX LITTELFUSE-P3602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P3602ABL LITTELFUSE-P3602ABL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P36-3F3-A1000

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com