Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P30-3F3-A630 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P30-3F3-A630
Description  P cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P30-3F3-A630 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P30-3F3-A630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P30-3F3-A630 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2008 Sep 01
1008
Ferroxcube
P cores and accessories
P30/19
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.330
mm−1
Ve
effective volume
6190
mm3
Ie
effective length
45.2
mm
Ae
effective area
137
mm2
Amin
minimum area
116
mm2
m
mass of set
≈ 34
g
CBW427
4.3
±0.6
13.5
0
−0.4
25 +
0.8
0
30
±0.5
20.5
±0.5
∅5.4 +
0.2
0
13 +
0.4
0
18.8
±0.2
0.5 +
0.2
0
Fig.1 P30/19 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 250
±50 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
250
±3%
≈ 66
≈ 840
P30/19-3C81-E250
315
±3%
≈ 83
≈ 640
P30/19-3C81-A315
400
±3%
≈ 105
≈ 480
P30/19-3C81-A400
630
±3%
≈ 165
≈ 290
P30/19-3C81-A630
1000
±3%
≈ 263
≈ 170
P30/19-3C81-A1000
8300
±25%
≈ 2180
≈ 0
P30/19-3C81
3C91
8300
±25%
≈ 2180
≈ 0
P30/19-3C91
3F3
250
±3%
≈ 66
≈ 840
P30/19-3F3-E250
315
±3%
≈ 83
≈ 640
P30/19-3F3-A315
400
±3%
≈ 105
≈ 480
P30/19-3F3-A400
630
±3%
≈ 165
≈ 290
P30/19-3F3-A630
1000
±3%
≈ 263
≈ 170
P30/19-3F3-A1000
5750
±25%
≈ 1510
≈ 0
P30/19-3F3


Similar Part No. - P30-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
   For stud devices
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P30 MACOM-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
promoco-motors.com
P30 PROMOCO-P30 Datasheet
138Kb / 1P
   High Performance DC-motor
More results

Similar Description - P30-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com