Electronic Components Datasheet Search |
|
TA45-ABC6H110C0 Datasheet(PDF) 5 Page - Schurter Inc. |
|
TA45-ABC6H110C0 Datasheet(HTML) 5 Page - Schurter Inc. |
5 / 5 page 5 Power entry modules without line filter 645 www.schurter.com/pg05 Connectors 10’000 60 2’000 1’000 500 200 100 50 20 10 5 2 1 0,5 0,3 0,2 0,1 [ sec ] [ min ] 10 5 1 30 20 1,05 [ x In ] 10 8 5 4 3 2 1,32 Type TA45 Rated current I ≥ 3... ≤ 15 A 1-pole protected 2-pole protected Ambient temp. +23 °C Multiple of rated current n 10’000 60 2000 1000 500 200 100 50 20 10 5 2 1 0,5 0,3 0,2 0,1 [ sec ] [ min ] 10 5 1 30 20 1,05 Multiple of rated current [ x In ] 10 8 5 4 3 2 1,32 Type TA45 Rated current In < 3 A 1-pole protected 2-pole protected Ambient temp. +23 °C Technical data (continued) Circuit breaker Tripping characteristics In < 3 A Tripping characteristics In 3… 15 A Effect of ambient temperature 1) The unit is calibrated for an ambient temperature of +23 °C. To determine the rated current for a lower or higher ambient tempera- ture, use a correction factor from the table below. * Ambient temperature [°C] Correction factor –10 0,89 – 5 0,91 0 0,92 +23 1,00 +30 1,03 +40 1,08 +55 1,16 Order code TA 45 (2-pole rocker-switch without accessories) A B T W F 1 5 0 C 0 . 0 0 1 see table 1 Order code (Order example) Wiring 0 Without 1 With 2 Special (on request) 0 Without line filter 0 Without line filter Please note that Schurter will establish an internal part number for logistical use in addition to the order code. The format of this internal part number is, for example 6145.0031.001 * Temperature must be measured at the rear of the breaker next to the terminals after equipment operating temperature has been reached. 1) Example Rated current at +23 °C 6,0 A Ambient temperature +40 °C Correction factor 1,08 Chosen rated current at + 40 °C ambient temperature 6 A x 1,08 = 6,5 A Type 6145 . Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon currentinformation.Allcontentissubjecttomodificationsandamendments. |
Similar Part No. - TA45-ABC6H110C0 |
|
Similar Description - TA45-ABC6H110C0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |