Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR211SED005 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR211SED005
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211SED005 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR211SED005 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211SED005 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FBR211 SERIES
To be
Discon
Tinue
D
n
SPECIFICATIONS
Item
Standard (A or B type)
High sensitive (C or E type)
Contact
Arrangement
1 form C (SPDT)
Material
Gold-overlay silver-palladium / gold-overlay silver
Resistance (initial)
Maximum 100 mΩ (at 0.1 A 6 VDC)
Rating (resistive)
0.5 A 120 VAC or 1 A 28 VDC
Maximum Carrying Current
2 A
Maximum Switching Power
60 VA or 28 W
Max. Switching Voltage*1
220 VAC or 150 VDC
Maximum Switching Current
1.25 A (AC) or 2 A (DC)
Minimum Switching load*2
Plastic sealed 1 mA, 1V
(reference)
Flux free 1 mA, 5V
Coil
Nominal Power (at 20°C)
Approximately 450 mW
Approximately 200 mW
Operate Power (at 20°C)
Approximately 315 mW maximum
Approximately 140 mW maximum
Operating Temperature
–25°C to +55°C (no frost)
–25°C to +75°C (no frost)
Operating Humidity
45 to 85%RH
Time Value
Operate (at nominal voltage)
Maximum 5 ms
Release (at nominal voltage)
Maximum 5 ms
Life
Mechanical
5 × 106 operations minimum
Electrical
3 × 105 operations minimum (at 1 A/ 28 VDC resistive load)
(Refer to the REFERENCE DATA)
1 × 105 operations minimum (at 2 A/ 12 VDC resistive load)
1 × 105 operations minimum (at 0.5 A/120 VDC resistive load)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11±1 ms)
60 m/s2 (11±1 ms)
Resistance
Endurance
1,000 m/s2 (11±1 ms)
Weight
Approximately 4 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the type
of load.
*2 Values when switching a resistive load at normal room temperature and humidity and in a clean environment. The minimum
switching load varies with the switching frequency and operation environment.
Item
Standard (A or B)
High sensitive (C or E)
Isolation (initial)
Minimum 100 MΩ (at 500VDC)
Dielectric
Strength
500VAC 1 min. (standard)
1,500VAC 1 min. (high isolation coil and contact)
n
INSULATION
Type
Compliance
Contact rating
UL
UL 110
E63615
Flammability: UL 94-V0 (plastics)
0.5A, 120VAC (resistive)
1A, 28VDC (resistive)
CSA
C22.2 No. 14
LR 40304, LR 46016
n
SAFETY STANDARDS


Similar Part No. - FBR211SED005

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211SED003 FUJITSU-FBR211SED003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211SED005

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com