Electronic Components Datasheet Search |
|
TA35-CBD6HJ20C0 Datasheet(PDF) 4 Page - Schurter Inc. |
|
TA35-CBD6HJ20C0 Datasheet(HTML) 4 Page - Schurter Inc. |
4 / 5 page Power entry modules without line filter 635 www.schurter.com/pg05 Connectors Technical data (continued) Circuit breaker Tripping characteristics I n < 3 A Tripping characteristics I n > 3 ... 15 A Effect of ambient temperature The unit is calibrated for an ambient temperature of +23 °C. To determine the rated current for lower or higher ambient temperature, use a correction factor from the table below. * Ambient Correction factor temperature [°C] –25 0.79 –20 0.81 0 0.90 +23 1.00 +40 1.03 +50 1.04 +60 1.06 * Temperature must be measured at the rear of the breaker next to the terminals after equipment operating tempera- ture has been reached. Example: Rated current at +23 °C 10 A Ambient temperature +60 °C Correction factor 1.06 Chosen rated current at +60 °C ambient temperature: 10 A x 1.06 = 10.6 A Type Order code TA35 6135 C B D W F 1 2 0 C 0 . 0 2 1 0 see table 1 Order code (Order example) Please note that Schurter will establish an internal part number for logistics use in addition to the order code. The format of this internal part number is, for example: 6135.xxxx.xxxx Wiring 1 wired 0 unwired Terminals 1 Quick connect 6.3 x 0.8 mm 0 Protection class 1 Mounting 2 Snap-in s = 1.5 mm 3 Snap-in s = 2.0 mm 4 Snap-in s = 2.5 mm 5 Snap-in s = 3.0 mm The above tripping characteristics apply to symmetrical overloads on the two poles. At asymmetric overloads on two pole types the tripping current will be increased by factor 1.05 (TC-2). Type p TA35 Rated current <3A (TC-1, TC-2) Ambient temp. +23 °C Multiple of rated current [ x In ] 1,05 10 8 5 4 3 2 1,35 10'000 60 2`000 1`000 500 200 100 50 20 10 [ sec ] [ min ] 10 5 1 30 20 5 2 1 0,5 0,3 0,2 0,1 1,05 10 8 5 4 3 2 1,35 10'000 60 2`000 1`000 500 200 100 50 20 10 [ sec [ min ] 10 5 1 30 20 5 2 1 0,5 0,3 0,2 0,1 ] > 3–15A (TC-1, TC-2) Type TA35 Rated current Ambient temp. +23 °C Multiple of rated current [ x In ] Packaging unit 40Pcs |
Similar Part No. - TA35-CBD6HJ20C0 |
|
Similar Description - TA35-CBD6HJ20C0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |