Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR211NCD009 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR211NCD009
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NCD009 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR211NCD009 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FBR211 SERIES
To be
Discon
Tinue
D
n
COIL DATA CHART
MODEL
Nominal
Nominal
Coil
current
Must
Must
Maximum Nominal
Coil
A type
B type
resistance (at nominal operate
release allowable
temperature
voltage
(±10%)
voltage)
voltage
voltage
voltage
power
rise
Flux free Plastic sealed Flux free Plastic sealed
approx.
FBR211SAD001-n FBR211NAD001-n FBR211SBD001-n FBR211NBD001-n 1.5 VDC
5 Ω
300 mA
FBR211SAD003-n FBR211NAD003-n FBR211SBD003-n FBR211NBD003-n
3 VDC
20 Ω
150 mA
FBR211SAD005-n FBR211NAD005-n FBR211SBD005-n FBR211NBD005-n
5 VDC
56 Ω
89 mA
70% max. 10% min. 150% of
Approx.
Approx.
FBR211SAD006-n FBR211NAD006-n FBR211SBD006-n FBR211NBD006-n
6 VDC
80 Ω
75 mA of nominal of nominal nominal
450 mW
45 deg
voltage
voltage
voltage (at nominal (at nominal
FBR211SAD009-n FBR211NAD009-n FBR211SBD009-n FBR211NBD009-n
9 VDC
180 Ω
50 mA
voltage)
voltage)
FBR211SAD012-n FBR211NAD012-n FBR211SBD012-n FBR211NBD012-n
12 VDC
320 Ω
38 mA
FBR211SAD024-n FBR211NAD024-n FBR211SBD024-n FBR211NBD024-n
24 VDC
1,280 Ω
19 mA
Note: All values in the table are measured at 20°C.
MODEL
Nominal
Nominal
Coil
current
Must
Must
Maximum Nominal
Coil
C type
E type
resistance (at nominal operate
release allowable
temperature
voltage
(±10%)
voltage)
voltage
voltage
voltage
power
rise
Flux free Plastic sealed Flux free Plastic sealed
approx.
FBR211SCD001-n FBR211NCD001-n FBR211SED001-n FBR211NED001-n 1.5 VDC
12 Ω
125 mA
FBR211SCD003-n FBR211NCD003-n FBR211SED003-n FBR211NED003-n
3 VDC
45 Ω
67 mA
FBR211SCD005-n FBR211NCD005-n FBR211SED005-n FBR211NED005-n
5 VDC
120 Ω
42 mA
70% max. 10% min. 225% of
Approx.
Approx.
FBR211SCD006-n FBR211NCD006-n FBR211SED006-n FBR211NED006-n
6 VDC
180 Ω
33 mA of nominal of nominal nominal
200 mW
25 deg
voltage
voltage
voltage (at nominal (at nominal
FBR211SCD009-n FBR211NCD009-n FBR211SED009-n FBR211NED009-n
9 VDC
400 Ω
23 mA
voltage)
voltage)
FBR211SCD012-n FBR211NCD012-n FBR211SED012-n FBR211NED012-n
12 VDC
700 Ω
17 mA
FBR211SCD024-n FBR211NCD024-n FBR211SED024-n FBR211NED024-n
24 VDC
2,800 Ω
9 mA
2. HIGH SENSITIVITY (C or E type)
1. STANDARD (A or B type)
Note: All values in the table are measured at 20°C.


Similar Part No. - FBR211NCD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NCD003 FUJITSU-FBR211NCD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NCD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com