Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11-3H3 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # P11-3H3
Description  P cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P11-3H3 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  P11-3H3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P11-3H3 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2008 Sep 01
938
Ferroxcube
P cores and accessories
P11/7
COIL FORMERS
General data CP-P11/7-1S coil former
Winding data and area product for CP-P11/7-1S coil former
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in
accordance with “UL 94V-0” ; UL file number E45329 (R)
Maximum operating temperature
155
°C, “IEC 60085”, class F
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
4.8
3.1
22.6
77.8
CP-P11/7-1S
dbook, full pagewidth
CBW599
1.8
0.4
0.3
4.8 +
0.1
0
8.9
0
−0.1
5.7
0
−0.1
4.2
0
−0.1
Fig.3 Coil former: CP-P11/7-1S.
Dimensions in mm.


Similar Part No. - P11-3H3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P11-3C81 FERROXCUBE-P11-3C81 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A100 FERROXCUBE-P11-3C81-A100 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A160 FERROXCUBE-P11-3C81-A160 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A250 FERROXCUBE-P11-3C81-A250 Datasheet
49Kb / 4P
   P cores and accessories
P11-3C81-A315 FERROXCUBE-P11-3C81-A315 Datasheet
49Kb / 4P
   P cores and accessories
More results

Similar Description - P11-3H3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com